Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1D-0505SH60-N Datasheet(PDF) 1 Page - AIMTEC

Part # AM1D-0505SH60-N
Description  1 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-0505SH60-N Datasheet(HTML) 1 Page - AIMTEC

  AM1D-0505SH60-N Datasheet HTML 1Page - AIMTEC AM1D-0505SH60-N Datasheet HTML 2Page - AIMTEC AM1D-0505SH60-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
17
VISIT US AT WWW.AIMTEC.CA
AM1D-N Series
7PIN SIP PACKAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 81%
UL94-VO PACKAGE
INPUT/OUTPUT ISOLATION: 1000, 3000 & 6000VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM1D-N series is a family of cost effective 1W
single, dual output isolated DC-DC converters. These con-
verters achieve low cost and ultra-miniature SIP7 pin size
without compromising performance and reliability.
Seventy two models operate from input voltages of 5, 12
& 24VDC; producing output voltage levels of 5, 9, 12, 15, ±5,
±9, ±12, ±15VDC. Full SMD-design and a 100% production
test of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
Physical Specifications:
Dimensions (1000 & 3000VDC) 19.50x6.00x10.00mm
0.76x0.24x0.39inches
Dimensions (6000VDC)
19.50x9.8x12.5mm
0.76x0.39x0.49inches
Weight
2g
Case material
Plastic UL94-VO
MTBF: > 1,100,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1000, 3000 & 6000VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case Temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
1 watt dc-dc converters
Input Specifications:
Voltage range
±10%
Filter
Capacitor
Output Specifications:
Voltage balance (dual output)
±1%
Voltage accuracy
±5%, max.
Ripple & noise (at 20MHz BW)75mVp-p, typ.
Short circuit protection
1 sec.
Line voltage regulation
±1.2% / 1.0% of Vin
Load voltage regulation
10% max.
load=10~100%
Temperature coefficient
±0.03%/°C, max.
General Specifications:
Efficiency
72% to 81%
Switching frequency
150KHz, typ. 100% load
PIN CONNECTIONS
1
2
4
5
6
7
+V Input
-V Input
-V Output
Omitted
+V Output
Omitted
+V Input
-V Input
-V Output
Common
+V Output
Omitted
+V Input
-V Input
Omitted
-V Output
Omitted
+V Output
+V Input
-V Input
Omitted
-V Output
Common
+V Output
3000, 6000VDC
1000VDC
Pin
Single
Dual
Single
Dual
Continued on next page


Similar Part No. - AM1D-0505SH60-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-0505SH60-NZ AIMTEC-AM1D-0505SH60-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1D-0505SH60-N

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com