Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-0315S-N Datasheet(PDF) 2 Page - AIMTEC

Part # AM1L-0315S-N
Description  1 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0315S-N Datasheet(HTML) 2 Page - AIMTEC

  AM1L-0315S-N Datasheet HTML 1Page - AIMTEC AM1L-0315S-N Datasheet HTML 2Page - AIMTEC AM1L-0315S-N Datasheet HTML 3Page - AIMTEC AM1L-0315S-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
28
TO ORDER CALL 1-888-9-AIMTEC
MODELS Single output
AM1L-N Series
External Capacitor Table
Vin
Vout
External
Capacitor
External
Capacitor
5VDC
12VDC
-
-
4.7uF
2.2uF
-
-
5VDC
9VDC
12VDC
15VDC
10uF
4.7uF
2.2uF
1uF
ISOLATED & UNREGULATED
Note: The selected voltage withstand of the capacitor is generally
1.5~2 times of the nominal voltage.
<Figure 1>
<Figure 2>
<Figure 3>
<Figure 4>
Models
Isolation 1000VDC
Isolation 3000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
3.3V±10%
5V±10%
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
24V±10%
12V±10%
AM1L-0303S-N
AM1L-0305S-N
AM1L-0309S-N
AM1L-0312S-N
AM1L-0315S-N
AM1L-0324S-N
AM1L-0503S-N
AM1L-0505S-N
AM1L-0509S-N
AM1L-0512S-N
AM1L-0515S-N
AM1L-0524S-N
AM1L-1203S-N
AM1L-1205S-N
AM1L-1209S-N
AM1L-1212S-N
AM1L-1215S-N
AM1L-1224S-N
AM1L-2403S-N
AM1L-2405S-N
AM1L-2409S-N
AM1L-2412S-N
AM1L-2415S-N
AM1L-2424S-N
AM1L-0303SH30-N
AM1L-0305SH30-N
AM1L-0309SH30-N
AM1L-0312SH30-N
AM1L-0315SH30-N
AM1L-0324SH30-N
AM1L-0503SH30-N
AM1L-0505SH30-N
AM1L-0509SH30-N
AM1L-0512SH30-N
AM1L-0515SH30-N
AM1L-0524SH30-N
AM1L-1203SH30-N
AM1L-1205SH30-N
AM1L-1209SH30-N
AM1L-1212SH30-N
AM1L-1215SH30-N
AM1L-1224SH30-N
AM1L-2403SH30-N
AM1L-2405SH30-N
AM1L-2409SH30-N
AM1L-2412SH30-N
AM1L-2415SH30-N
AM1L-2424SH30-N
304mA
200mA
111mA
84mA
67mA
40mA
304mA
200mA
111mA
84mA
67mA
40mA
304mA
200mA
111mA
84mA
67mA
40mA
304mA
200mA
111mA
84mA
67mA
40mA


Similar Part No. - AM1L-0315S-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0315S-N ETC-AM1L-0315S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0315S-N AIMTEC-AM1L-0315S-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0315S-N AIMTEC-AM1L-0315S-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
More results

Similar Description - AM1L-0315S-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com