Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI6C2952 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part No. PI6C2952
Description  Low Voltage PLL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI6C2952 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS8542A
01/30-06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2952
Low Voltage PLL Clock Driver
Seating Plane
0.80 BSC
.032
0.30
0.45
.012
.018
1.60
.063
1.35
1.45
.053
.057
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
9.00
BSC
.276
Square
7.00
BSC
.354
Square
GAUGE PLANE
1.00 REF
.039
0.45
0.75
.018
.030
0.09
0.20
.004
.008
0
7
Max.
0.10
.004
0.05
0.15
.002
.006
32-Pin LQFP (FB) Package
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
Pe
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
B
F
2
5
9
2
C
6
I
P
P
F
Q
L
-
2
3l
a
i
c
r
e
m
m
o
C
E
B
F
2
5
9
2
C
6
I
P
B
F
1
-
2
5
9
2
C
6
I
P
B
F
2
-
2
5
9
2
C
6
I
P
OrderingInformation(1,2,3)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Notes:
1.
Thermal Characteristics can be found on the company website and www.pericom.com/packaging/
2.
E = Pb-free and Green
3.
X suffix = Tape/Reel


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC932LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC990LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2972Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC992LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
IDT5V9351LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
MPC958LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC93R51LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC950LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC9350LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC952LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn