Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI6C2952 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part No. PI6C2952
Description  Low Voltage PLL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI6C2952 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8542A
01/30-06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2952
Low Voltage PLL Clock Driver
l
o
b
m
y
Ss
c
i
t
s
i
r
e
t
c
a
r
a
h
Cs
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
tr t
, f
)
.
4
e
t
o
N
(
e
m
i
T
l
l
a
F
/
e
s
i
R
t
u
p
t
u
OV
0
.
2
o
t
8
.
00
1
.
00
.
1s
n
I W
P
)
.
4
e
t
o
N
(
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
t
E
L
C
Y
C
2
/
0
5
7
t
E
L
C
Y
C
2
/
0
0
5
±
t
E
L
C
Y
C
2
/
0
5
7
+
s
p
t S
O
)
.
4
e
t
o
N
(
0
a
Q
g
n
i
d
u
l
c
x
E
w
e
k
S
t
u
p
t
u
O
-
o
t
-
t
u
p
t
u
O
s
t
u
p
t
u
O
l
l
A
s
t
u
p
t
u
O
l
l
A
s
e
i
c
n
e
u
q
e
r
F
e
m
a
S
s
e
i
c
n
e
u
q
e
r
F
e
m
a
S
s
e
i
c
n
e
u
q
e
r
F
t
n
e
r
e
f
f
i
D
0
5
3
0
5
4
0
5
5
f
O
C
V
4
/
O
C
V
=
k
c
a
b
d
e
e
F
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
6
/
O
C
V
=
k
c
a
b
d
e
e
F
8
/
O
C
V
=
k
c
a
b
d
e
e
F
2
1
/
O
C
V
=
k
c
a
b
d
e
e
F
0
=
l
e
S
_
O
C
V
0
=
l
e
S
_
O
C
V
1
=
l
e
S
_
O
C
V
1
=
l
e
S
_
O
C
V
0
0
2
0
0
2
0
0
2
0
0
2
0
8
4
0
8
4
0
8
4
0
8
4
z
H
M
f x
a
m
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
m
u
m
i
x
a
M
)
2
÷
(
b
Q
,
c
Q
)
4
÷
(
c
Q
,
b
Q
,
a
Q
)
6
÷
(
a
Q
)
.
4
e
t
o
N
(
0
8
1
0
2
1
0
8
t d
p
B
F
o
t
K
L
C
F
E
R
N
I
y
a
l
e
D.
5
d
n
a
4
s
e
t
o
N0
0
2
–0
0
0
2s
p
t Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
OV
o
t
s
m
h
o
0
5
C
C
2
/2
8
s
n
t L
Z
P
t
,
H
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
OV
o
t
s
m
h
o
0
5
C
C
2
/2
0
1
r
e
t
t
i
j
t)
k
a
e
P
o
t
k
a
e
P
(
r
e
t
t
i
J
e
l
c
y
C
o
t
e
l
c
y
C
0
0
1
±s
p
t k
c
o
l
e
m
i
T
k
c
o
L
L
L
P
m
u
m
i
x
a
M.
5
e
t
o
N0
1s
m
t P
J
r
e
t
t
i
J
d
o
i
r
e
P
m
r
e
t
g
n
o
L
D
B
Ts
p
AC Characteristics (TA = 0°C to 70°C, VCC = 3.3V± 5%)
4. 50 ohms to VCC/2.
5. tpd is specified for 50 MHz input ref, the window will shrink/grow proportionally from the minimum limit with shorter/longer input
reference periods. The tpd does not include jitter.
ApplicationsInformation
Driving Transmission Lines
The PI6C2952 clock driver was designed to drive high-speed
signals in a terminated transmission line environment. To provide
the optimum flexibility to the user, the output drivers were
designed to exhibit the lowest impedance possible. With an output
impedance of less than 10 ohms, the drivers can drive either
parallel- or series-terminated transmission lines.
Figure 3. Single versus Dual Transmission Lines
PI6C2952
Output
Buffer
PI6C2952
Output
Buffer
7 ohms
7 ohms
IN
IN
OutA
OutB0
OutB1
RS= 43 ohms
RS= 43 ohms
RS= 43 ohms
ZO= 50 ohms
ZO= 50 ohms
ZO= 50 ohms


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC932LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC990LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2972Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC992LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
IDT5V9351LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
MPC958LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC93R51LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC950LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC9350LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC952LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn