Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS3799BMNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS3799BMNR2G
Description  Dual DPDT Ultra?묹ow RON Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3799BMNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS3799BMNR2G Datasheet HTML 1Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 2Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 3Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 4Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 5Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 6Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 7Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 8Page - ON Semiconductor NLAS3799BMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NLAS3799B, NLAS3799BL
http://onsemi.com
4
NLAS3799B DC CHARACTERISTICS − DIGITAL SECTION (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
25
°C
−40
°C to
+85
°C
VIH
Minimum High−Level Input Voltage, Select
Inputs
3.0
4.3
1.4
2.0
1.4
2.0
V
VIL
Maximum Low−Level Input Voltage, Select
Inputs
3.0
4.3
0.5
0.8
0.5
0.8
V
IIN
Maximum Input Leakage Current, Select
Inputs
VIN = VCC or GND
4.3
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VIN = 4.5 V or GND
0
±0.5
±2.0
mA
ICC
Maximum Quiescent Supply Current
(Note 2)
Select and VIS = VCC or GND
1.65 to 4.5
±1.0
±2.0
mA
2. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
NLAS3799B DC ELECTRICAL CHARACTERISTICS − ANALOG SECTION
Symbol
Parameter
Condition
VCC
Guaranteed Maximum Limit
Unit
25
°C
−40
°C to +85°C
Min
Max
Min
Max
RON
NC/NO On−Resistance
(Note 3)
VIN = VIL or VIN = VIH
VIS = GND to VCC
IINI = 100 mA
3.0
4.3
0.5
0.4
0.6
0.5
W
RFLAT
NC/NO On−Resistance Flatness
(Notes 3 and 4)
ICOM = 100 mA
VIS = 0 to VCC
3.0
4.3
0.15
0.15
0.15
0.15
W
DRON
On−Resistance Match Between Channels
(Notes 3 and 5)
VIS = 1.5 V;
ICOM = 100 mA
VIS = 2.2 V;
ICOM = 100 mA
3.0
4.3
0.05
0.05
0.05
0.05
W
INC(OFF)
INO(OFF)
NC or NO Off Leakage Current (Note 3)
VIN = VIL or VIH
VNO or VNC = 0.3 V
VCOM = 4.0 V
4.3
−10
10
−100
100
nA
ICOM(ON)
COM ON
Leakage Current
(Note 3)
VIN = VIL or VIH
VNO 0.3 V or 4.0 V with
VNC floating or
VNC 0.3 V or 4.0 V with
VNO floating
VCOM = 0.3 V or 4.0 V
4.3
−10
10
−100
100
nA
3. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
4. Flatness is defined as the difference between the maximum and minimum value of On−resistance as measured over the specified analog
signal ranges.
5.
DRON = RON(MAX) − RON(MIN) between NCn or NOn.


Similar Part No. - NLAS3799BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3799BMNR2G ONSEMI-NLAS3799BMNR2G Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
More results

Similar Description - NLAS3799BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS3699B ONSEMI-NLAS3699B Datasheet
97Kb / 10P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799_06 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
January, 2006 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B Datasheet
139Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
July, 2008 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com