Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8342ACPZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8342ACPZ-REEL7
Description  Active Receive Mixer LF to 500 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342ACPZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8342ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8342ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8342
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage, VS
5.5 V
RF Input Level
12 dBm
LO Input Level
12 dBm
PWDN Pin
VS + 0.5 V
IFOP, IFOM Bias Voltage
5.5 V
Minimum Resistor from EXRB to COMM
1.8 kΩ
Internal Power Dissipation
650 mW
θJA
77°C/W
Maximum Junction Temperature
135°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational sec-
tion of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8342ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
More results

Similar Description - AD8342ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8344 AD-AD8344 Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
   LF??GHz Wideband Low Power Active Mixer
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com