Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAH-12F330 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRAH-12F330
Description  NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-12F330 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRAH-12F330 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-12F330 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 V-5.5 V Input
1.0 V-3.3 V/12 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
90%
86%
84%
81%
79%
77%
93%
89%
87%
84%
82%
80%
-
-
-
-
-
-
Vin=5 V, full load
Efficiency
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
85%
81%
79%
76%
88%
84%
82%
79%
-
-
-
-
Vin=3.3 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Output Trim Range
90%VO
-
110%VO
Remote Sense Compensation
-
-
10%
SMD module
MTBF
4,038,174 hours
Calculated Per Bell Core SR-332 (IO
= 9.6 A, Vin=5 V; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.70 x 0.32
19.81 x 17.78 x 8.128
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.70 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5.1 g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
-
-
0.9 V (Vin=3.0 V)
-
-
1.35 V (Vin=4.5 V)
Signal Low (Unit Off)
-
-
1.65 V (Vin=5.5 V)
2.1 V (Vin=3.0 V)
-
-
3.15 V (Vin=4.5 V)
-
-
Signal High (Unit On)
3.85 V (Vin=5.5 V)
-
-
Remote on/off pin open, unit on.


Similar Part No. - SRAH-12F330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-12F330 BEL-SRAH-12F330 Datasheet
499Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-12F330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
SRBA-06F1AX BEL-SRBA-06F1AX Datasheet
189Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com