Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRAH-05BT50 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # XRAH-05BT50
Description  NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRAH-05BT50 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  XRAH-05BT50 Datasheet HTML 1Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 2Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 3Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 4Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 5Page - Bel Fuse Inc. XRAH-05BT50 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
5 V Input
Vref/2 / 5 A Output
Efficiency Data
Efficiency Curve
79.0%
80.0%
81.0%
82.0%
83.0%
84.0%
85.0%
86.0%
87.0%
1.0
2.0
3.0
4.0
5.0
Output Current (A)
4.5 V
5.0 V
5.5 V
Efficiency is tested at Vref=2.5 V
Thermal Derating Curves
VRAH-05BT50
SRAH-05BT50
Test Condition: Derating curves are tested at nominal input voltage and Vref=2.5V.


Similar Part No. - XRAH-05BT50

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-05BT50 BEL-XRAH-05BT50 Datasheet
152Kb / 5P
   NON-ISOLATED DC/DC CONVERTER
XRAH-05BT50 BEL-XRAH-05BT50_07 Datasheet
152Kb / 5P
   NON-ISOLATED DC/DC CONVERTER
More results

Similar Description - XRAH-05BT50

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
V7PC-10AT5S BEL-V7PC-10AT5S Datasheet
182Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PC-10AT5X BEL-V7PC-10AT5X Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
logo
Sanken electric
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
   5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bourns Electronic Solut...
SC5A BOURNS-SC5A Datasheet
155Kb / 2P
   5-amp, full-featured, non-isolated DC-DC converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com