Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-12F150 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S7AH-12F150
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-12F150 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S7AH-12F150 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 7Page - Bel Fuse Inc. S7AH-12F150 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input
1.0V-3.3V/12A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current (pk-pk)
-
260mA
320mA
Input Reflected Ripple Current (RMS)
-
75mA
120mA
With simulated source impedance of
500nH, 5Hz to 20MHz; use a
270uF/6.3V cap with ESR=0.03 ohm
max at 100KHz
I
2t Inrush Current Transient
-
0.09A
2s0.2A2s
Turn on Voltage Threshold
2.1V
-
Turn off Voltage Threshold
-
2V
2.4V
Note: All specifications are typical at 25°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
3.234V
2.450V
1.764V
1.470V
1.176V
0.980V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
3.366V
2.550V
1.836V
1.530V
1.224V
1.020V
Test conditions:
Vin=5V, Io= 50% load
Line Regulation
-
±1mV
±4mV
Load Regulation
-
±2mV
±5mV
Regulation Over Temperature (-40
°C to +85°C)
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
-
-
-
-
-
-
±10mV
±9mV
±7mV
±6mV
±5mV
±4mV
±15mV
±13mV
±12mV
±11mV
±10mV
±9mV
Output Current
0A
-
12A
Current Limit Threshold
20A
-
30A
Short Circuit Surge Transient
-
0.3A
2s
0.6A
2s
Ripple and Noise (RMS)
-
12mV
21mV
Ripple and Noise (pk-pk)
-
50mV
90mV
Test conditions:
0-20MHz BW; 1uF ceramic
capacitor and 330uF external
capacitor at the output.
Turn on Time
-
5mS
10mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
330uF
-
4800uF
Transient Response
Overshoot
-
110mV
150mV
50% ~ 100%
Max Load
Settling Time
-
40uS
80uS
Overshoot
-
110mV
150mV
100% ~ 50%
Max Load
Settling Time
VO=3.3V
-
40uS
80uS
Overshoot
-
100mV
150mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
100mV
150mV
100% ~ 50%
Max Load
Settling Time
VO=2.5V
-
30uS
60uS
Overshoot
-
90mV
130mV
50% ~ 100%
Max Load
Settling Time
-
20uS
40uS
Overshoot
-
90mV
130mV
100% ~ 50%
Max Load
Settling Time
VO=1.0V -
1.8V
-
20uS
40uS
Test conditions:
di/dt=0.5A/us, Vin=5V, with
330uF external load
capacitance.
Note:
1. All specifications are typical at 5V input, full load at 25°C unless otherwise stated.


Similar Part No. - S7AH-12F150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-12F1A0 BEL-S7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
More results

Similar Description - S7AH-12F150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com