Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-03E100 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7AH-03E100
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-03E100 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7AH-03E100 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-03E100 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-03E100 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-03E100 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-03E100 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-03E100 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-03E100 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input
0.9V-5.0V/3A Output
Non-Isolated
Low Cost
High Efficiency
Remote On/Off
High Power Density
Under-voltage Lockout (UVLO) *
Excellent Thermal Performance
OCP/SCP
* Not applicable for 5.0V output module.
Description
The Bel x7AH-03Exx0 Series are part of the low cost non-isolated DC/DC power converters. The modules use a
surface mount package or vertical package for ease of layout and space savings, with a low profile of only
7.82mm. The output is closely regulated and the efficiency of 5V output module is typically 95% at full load.
Typical features include Remote On/Off, under-voltage lockout, over-current protection and short circuit
protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
5.0V
8.0 – 13.2V
3A
15W
95%
S7AH-03E500
V7AH-03E500
3.3V
4.5 – 13.2V
3A
9.9W
93%
S7AH-03E330
V7AH-03E330
2.5V
4.5 – 13.2V
3A
7.5W
91%
S7AH-03E250
V7AH-03E250
1.8V
4.5 – 13.2V
3A
5.4W
88%
S7AH-03E180
V7AH-03E180
1.5V
4.5 – 13.2V
3A
4.5W
87%
S7AH-03E150
V7AH-03E150
1.2V
4.5 – 13.2V
3A
3.6W
85%
S7AH-03E120
V7AH-03E120
1.0V
4.5 – 13.2V
3A
3W
84%
S7AH-03E100
V7AH-03E100
0.9V
4.5 – 13.2V
3A
2.7W
82%
S7AH-03E090
V7AH-03E090
Note:
Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
14V
Output Enable Terminal Voltage
-0.3V
-
13.2V
Ambient Temperature
0
°C
-
70
°C
Storage Temperature
-40
°C
-
100
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
4.5V
-
13.2V
Min. input voltage for 5.0V output module
should be 8.0V
Input Current (no load)
-
30mA
-
Input Current (full load)
-
-
3A
Remote Off Input Current
-
4mA
-
Input Reflected Ripple Current
(pk-pk)
-
75mA
150mA
Input Reflected Ripple Current
(RMS)
-
30mA
60mA
With simulated source impedance of
500nH, 5Hz to 20MHz; Use one
270uF/16V Oscon capacitor with ESR =
0.018 ohm max. at 100KHz at 25
°C
I
2t Inrush Current Transient
-
0.02A
2s
0.08A
2s
Turn-on Voltage Threshold
-
4.1V
4.5V
Turn-off Voltage Threshold
-
3.3V
4.0V
Not applicable for 5.0V output.
x7AH-03Exx0 Series


Similar Part No. - S7AH-03E100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-03A150 BEL-S7AH-03A150 Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-03A180 BEL-S7AH-03A180 Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-03A250 BEL-S7AH-03A250 Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-03A330 BEL-S7AH-03A330 Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results

Similar Description - S7AH-03E100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com