Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-08E1A0 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S7AH-08E1A0
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-08E1A0 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S7AH-08E1A0 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-08E1A0 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-08E1A0 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-08E1A0 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-08E1A0 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-08E1A0 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-08E1A0 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-14V Input
0.8V-5.5V/8A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
I
2t Inrush Current Transient
-
0.04A
2s
-
-
4.3V
-
x7AH-08E1A0
Turn-on Voltage Threshold
-
7.5V
-
x7AH-08E500
-
4.0V
-
x7AH-08E1A0
Turn-off Voltage Threshold
-
7.2V
-
x7AH-08E500
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
4.900V
3.234V
2.450V
1.764V
1.470V
1.176V
0.882V
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
0.9V
5.100V
3.366V
2.550V
1.836V
1.530V
1.224V
0.918V
Test condition:
Vin=12V, lout=50% full
load
Line Regulation
Vo=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
-
-
-
-
-
-
-
±15mV
±10mV
±8mV
±5mV
±5mV
±4mV
±4mV
±25mV
±16.5mV
±12.6mV
±9mV
±9mV
±8mV
±8mV
Load Regulation
Vo=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
-
-
-
-
-
-
-
±15mV
±10mV
±8mV
±5mV
±5mV
±4mV
±4mV
±25mV
±16.5mV
±12.5mV
±9mV
±9mV
±8mV
±8mV
Regulation Over Temperature
(-40
°C to 85°C)
-
30mV
50mV
Output Current
0A
-
8A
Current Limit Threshold
10A
-
20A
Short Circuit Surge Transient
-
TBD
-
Ripple and Noise (RMS)
-
15mV
30mV
Ripple and Noise (pk-pk)
-
50mV
80mV
BW = 0-20MHz; with a 1uf
ceramic capacitor and a
10uF/10V Tantalum
capacitor at the output.
Turn on Time
-
8mS
20mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
0uF
-
3200uF
Transient Response
Overshoot
-
120mV
180mV
50% ~ 100%
Max Load
Settling Time
-
50uS
80uS
Overshoot
-
120mV
180mV
100% ~ 50%
Max Load
Settling Time
All
-
50uS
80uS
di/dt = 0.5A/uS; Vin =
12V; with a 1uF ceramic
capacitor and a 10uF/10V
Tantalum capacitor at the
output.
Note:
All specifications are typical at 12V input, full load at 25°C unless otherwise stated.


Similar Part No. - S7AH-08E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B090 BEL-S7AH-08B090 Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B100 BEL-S7AH-08B100 Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B120 BEL-S7AH-08B120 Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B150 BEL-S7AH-08B150 Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results

Similar Description - S7AH-08E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com