Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X7AH-08E Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # X7AH-08E
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

X7AH-08E Datasheet(HTML) 3 Page - Bel Fuse Inc.

  X7AH-08E Datasheet HTML 1Page - Bel Fuse Inc. X7AH-08E Datasheet HTML 2Page - Bel Fuse Inc. X7AH-08E Datasheet HTML 3Page - Bel Fuse Inc. X7AH-08E Datasheet HTML 4Page - Bel Fuse Inc. X7AH-08E Datasheet HTML 5Page - Bel Fuse Inc. X7AH-08E Datasheet HTML 6Page - Bel Fuse Inc. X7AH-08E Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-14V Input
0.8V-5.5V/8A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
89%
87%
86%
84%
82%
81%
76%
93%
91%
90%
88%
86%
85%
80%
-
-
-
-
-
-
-
Measured at Vin=12V, full load
Switching Frequency
-
330KHz
-
90%VO
-
403%VO
x7AH-08E1A0
1
Output Trim Range
90%VO
-
110%VO
x7AH-08E500
2
Remote Sense Compensation
-
-
0.2V
MTBF
TBD
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.7 x 0.32
19.81 x 17.78 x 8.13
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.7 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
6g
-
Notes
: All specifications are typical at 25°C unless otherwise stated.
1. The output voltage is 0.9V at trim pin is open.
2. The output voltage is 5.0V at trim pin is open.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3V
-
0.8V
Signal High (Unit On)
2.4V
-
14V
Remote on/off pin open, unit on.


Similar Part No. - X7AH-08E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-01C BEL-X7AH-01C Datasheet
144Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
More results

Similar Description - X7AH-08E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com