Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-01H330 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # S7AH-01H330
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01H330 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S7AH-01H330 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01H330 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01H330 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01H330 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01H330 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01H330 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-01H330 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-32V Input
1.2V-5.0V/1A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
Overshoot
-
140mV
170mV
50% ~ 100%
Max Load
Settling Time
-
100uS
130uS
Overshoot
-
140mV
170mV
100% ~ 50%
Max Load
Settling Time
VO=5.0V
-
100uS
130uS
Overshoot
-
80mV
120mV
50% ~ 100%
Max Load
Settling Time
-
150uS
200uS
Overshoot
-
80mV
120mV
100% ~ 50%
Max Load
Settling Time
VO=3.3V
-
150uS
200uS
Overshoot
-
70mV
110mV
50% ~ 100%
Max Load
Settling Time
-
120uS
160uS
Overshoot
-
70mV
110mV
100% ~ 50%
Max Load
Settling Time
VO=2.5V
-
120uS
160uS
Overshoot
-
60mV
100mV
50% ~ 100%
Max Load
Settling Time
-
100uS
130uS
Overshoot
-
60mV
100mV
100% ~ 50%
Max Load
Settling Time
VO=1.2V -
1.8V
-
100uS
130uS
Test conditions:
di/dt = 0.5A/uS; Vin = 20V
Note:
All specifications are typical at 20V input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
87%
83%
80%
76%
73%
70%
90%
86%
83%
79%
76%
73%
-
-
-
-
-
-
Measured at Vin=20V, full load
Switching Frequency
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
130KHz
270KHz
190KHz
150KHz
130KHz
100KHz
150KHz
290KHz
220KHz
170KHz
150KHz
120KHz
170KHz
310KHz
250KHz
190KHz
170KHz
140KHz
Output Trim Range
90%Vo
-
110%Vo
MTBF
8,040,000 hours
Calculated Per Bell Core TR-332 (IO =
0.8A, Vin=20V; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.70 x 0.32
19.81 x 17.78 x 8.13
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.70 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5.1g
-


Similar Part No. - S7AH-01H330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01H1A0 BEL-S7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
More results

Similar Description - S7AH-01H330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com