Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPF-15A1AC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRPF-15A1AC
Description  NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPF-15A1AC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRPF-15A1AC Datasheet HTML 1Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 2Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 3Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 4Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 5Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 6Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 7Page - Bel Fuse Inc. VRPF-15A1AC Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
12 V Input
1.2 V-5.0 V/15 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Remote Off Input Current
-
25 mA
30 mA
Input Reflected Ripple Current (pk-pk)
-
-
330 mA
Input Reflected Ripple Current (rms)
-
-
120 mA
Tested with simulated source
impedance of 500 nH 5 Hz to 20
MHz, and 5
× 10 uF/16 V ceramic
capacitors at the input
I
2t Inrush Current Transient
-
0.05 A
2s0.1 A2s
Turn-on Voltage Threshold
-
9.8 V
10.4 V
Turn-off Voltage Threshold
-
9.4 V
10.3 V
Note
: All specifications are typical at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
4.900 V
3.234 V
2.450 V
1.764 V
1.470 V
1.225 V
1.176 V
5.0 V
3.3 V
2.5 V
1.8 V
1.5 V
1.25 V
1.2 V
5.100 V
3.366 V
2.550 V
1.836 V
1.530 V
1.275 V
1.224 V
Test condition:
Vin=12 V, lout=half load
Load Regulation
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
-
-
-
-
-
-
-
10 mV
8 mV
5 mV
4 mV
3 mV
3 mV
2.5 mV
25.0 mV
16.5 mV
12.5 mV
9.0 mV
7.5 mV
6.3 mV
6.0 mV
Line Regulation
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
-
-
-
-
-
-
-
5.0 mV
3.3 mV
2.5 mV
1.8 mV
1.5 mV
1.25 mV
1.2 mV
10.0 mV
6.6 mV
5.0 mV
3.6 mV
3.0 mV
2.5 mV
2.4 mV
Regulation Over Temperature
(0
°C to +80 °C)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
-
-
-
-
-
-
-
10 mV
9 mV
8 mV
7 mV
6 mV
5 mV
4 mV
20 mV
18 mV
15 mV
14 mV
13 mV
12 mV
12 mV
Output Ripple and Noise (pk-pk)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
-
-
-
-
-
-
-
60 mV
50 mV
40 mV
35 mV
35 mV
30 mV
30 mV
75 mV
65 mV
60 mV
50 mV
50 mV
50 mV
50 mV
Tested at 0-20 MHz BW, with
5
×10 uF/16 V ceramic capacitors at
the input, and 5
×10 uF/10 V ceramic
capacitors and a 1000 uF electrolytic
capacitor at the output.


Similar Part No. - VRPF-15A1AC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC_07 Datasheet
366Kb / 12P
   NON-ISOLATED DC/DC CONVERTER
More results

Similar Description - VRPF-15A1AC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
XRAH-01H1A0 BEL-XRAH-01H1A0 Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTER 4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
SRDB-04HX20 BEL-SRDB-04HX20 Datasheet
141Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 9.0 V - 32 V Input 10 V - 12 V/3.5 A Output
X7AH-01C BEL-X7AH-01C Datasheet
144Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-03C500 BEL-X7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
VRBA-03A1AX BEL-VRBA-03A1AX Datasheet
161Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com