Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM01-6103 Datasheet(PDF) 1 Page - ITT Industries

Part # CCM01-6103
Description  CCM01-6101
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM01-6103 Datasheet(HTML) 1 Page - ITT Industries

  CCM01-6103 Datasheet HTML 1Page - ITT Industries CCM01-6103 Datasheet HTML 2Page - ITT Industries CCM01-6103 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Insulator
Thermoplastic UL94V-0 rated
Contacts
Copper alloy
Contact Finish
Gold over nickel
PC tail plating
Tin lead (2µ min.)
Mechanical life
30,000 cycles min
Card insertion force
10 N max
Card extraction force
1 N min /10 N max
Contact force
0.20 N min / 0.60 N max
Vibration
Frequency 10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35 mm
Max electrical discontinuity 1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis
Max electrical discontinuity 1 µs
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Card detection switch
Normally closed
Contact resistance
100m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10 mA max
Maximum power
0.2 VA
Operating temperature
-20°C to +70°C
Soldering temperature
Wave: 260°C / 5 seconds
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
30 per tray, 10 trays per box.
10
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
CCM01 MK III
CCM01 MK III connectors are intended
for applications such as pay TV, home
shopping and utility meters. Mainly
driven by the Set Top Box market for
payment and/or deciphering.
Features
• Available in standard or reverse card
reading version, with direct PCB
soldering for reduced installation cost.
• Panel mount version comes with
improved noise reduction FPC, to
accommodate all front panel
configurations.
• Double sided version allows the
customer to insert the card chip up or
down for easier handling.
• Self cleaning card detection switch
(normally closed) is protected against
assembly mishandling.
• Available with 8 through hole contacts
specifically designed to reduce card
wear.
• A chamfer opening to the card entry
slot improves the card guidance into
the connector.
• Variable distance from lower card side
to PCB to level card slot with your front
panel design
• Easy insertion into PCB provided by
four half pegs and termination true
positioning insulator.1
• Four snap in board locks to lower
stress on soldered terminals and
improve interconnect PCB retention.
• Thermoplastic UL 94 V-0 insulator
suitable for wave soldering only
• Designed to be compatible with:
NDS
EMVCo
1 Termination true positioning insulator not
designed on low profile version 3,9 mm
EMVTM is a trademark owned by EMVCoLLC.
Designation
Standard Version
Reverse Version
Distance from lower card
entrance & PCB
3,90 mm
CCM01-6101
CCM01-6201
6,75 mm
CCM01-6202
6,50 mm
CCM01-6105
8,00 mm
CCM01-6103
Panel Mount
CCM01-6301
CCM01-6302
Double Decker
CCM01-6402
CCM01-6403
Construction
Mechanical Data
Contact Electrical Data
Switch Electrical Data
Environmental Data
Packaging
Ordering Code
EMV
TM compatible


Similar Part No. - CCM01-6103

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM01-6103 CK-COMPONENTS-CCM01-6103 Datasheet
168Kb / 3P
   Available in standard or reverse card
2008
More results

Similar Description - CCM01-6103

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM01 CK-COMPONENTS-CCM01 Datasheet
169Kb / 3P
   CCM01 Series
CCM01MK5 CK-COMPONENTS-CCM01MK5_V01 Datasheet
908Kb / 3P
   CCM01 MK5 Series
2020
CCM01MK4 CK-COMPONENTS-CCM01MK4 Datasheet
192Kb / 2P
   CCM01 MK4 Series
16 Nov 18
logo
PHOENIX CONTACT
1290801 PHOENIX-1290801 Datasheet
283Kb / 9P
   Web panel - WP 6101-WXPS
Nov 16, 2022
1190417 PHOENIX-1190417 Datasheet
278Kb / 9P
   Touch panel - TP 6101-WXPS
Dec 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com