Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-7721-507 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 597-7721-507
Description  Surface Mount LED Bi-Color
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-7721-507 Datasheet(HTML) 1 Page - Dialight Corporation

  597-7721-507 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-31
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1
597-77x1-5xx
1
3
2
3.00
[.118]
2.30
[.091]
2.50
[.098] 2.10
[.083]
CATHODE MARK
1.30
[.051]
.50
[.020]
.80
[.031]
TYP
1.00
[.039]
1.50
[.059]
TERMINAL
4
12
34
7701 RC
RA
GC
GA
7721 YC
YA
GC
GA
1.00
[.039]
4.40
[.173]
.60
[.024]
2.70
[.106]
LAND PATTERN
Dimensions in mm [inches]
Terminals
Red/Green
Yellow/Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-7701
-7721
Power Dissipation (mW)
60/60
60/60
Derating (mA/°C) From 25°C
.4/.3
.4/.3
Forward Current (mA)
25/25
25/25
Peak Current (mA)
60/60
60/60
Pulse width = 10 µs
Operating Temperature (°C)
-30/+85
-25/+80
Storage Temperature (°C)
-40/+85
-30/+85
Soldering Profile
240°C to 245°C, 5 seconds max.
Red/Green
Yellow/Green
OPERATING CHARACTERISTICS (T
A=25°C)
-7701
-7721
Luminous Intensity (mcd)
Min.
3.6/9
3.6/9
IF=20mA
Typical
6.3/20
6.3/20
Peak Wavelength (nm)
Typical
650/570
585/563
λ Peak
Viewing Angle (2
Θ 11//22 )
Typical
104°
104°
Forward Voltage (V)
Typical
2/2.2
2.1/2.2
IF=20mA
Max.
2.8/2.8
2.8/2.8
Reverse Current (
µA) (V
R=4V)
100/100
100/100
Θ 11// 22 is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
Surface Mount LED
Bi-Color
PART NO.*
COLOR
597-7701-5xx
Red/Green
597-7721-5xx
Yellow/Green
Features
• Compatible with automatic placement equipment
• Compatible with infrared reflow processes
• Packaged on 8mm tape, 7" reels
(meets EIA-481-1 standard)
• Helps to eliminate mixed technology PC
board processing
• Compatible with Dialight's OptopipeTM Series light pipes
CATHODE MARK
REEL
SPROCKET HOLES
4.00
[.157]
2.00
[.078]
Ø 1.50
[.059]
1.75
[.069]
3.50
[.138]
3.40
[.134]
8.00
[.315]
2.90
[.114]
TAPE & REEL FIGURE
CATHODE MARK
REEL
SPROCKET HOLES
4.00
[.157]
2.00
[.078]
Ø 1.50
[.059]
1.75
[.069]
3.50
[.138]
3.40
[.134]
8.00
[.315]
2.90
[.114]
TAPE & REEL FIGURE
*ORDERING INFORMATION
597-77x1-5xx
packaging option
02
20 pieces on tape
07
7" reel, 2500 pcs/reel
®
-7701 TAPING SPEC
-7721 TAPING SPEC


Similar Part No. - 597-7721-507

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-7721-5XX DIALIGHT-597-7721-5XX Datasheet
19Kb / 1P
   Optical Light Pipe, Bi-Level
597-7721-5XX DIALIGHT-597-7721-5XX Datasheet
406Kb / 1P
   3 x 5.5mm Rectangular Optical Light Pipe
597-7721-5XX DIALIGHT-597-7721-5XX Datasheet
416Kb / 1P
   3mm Round Optical Light Pipe, Bi-Level
597-7721-5XX DIALIGHT-597-7721-5XX Datasheet
409Kb / 1P
   3 x 5mm Rectangular Optopipe Optical Light Pipe, 2 Array (RJ45 Jack)
More results

Similar Description - 597-7721-507

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-77X1-2XX DIALIGHT-597-77X1-2XX Datasheet
37Kb / 2P
   Surface Mount LED Bi-Color
597-77X1-1XX DIALIGHT-597-77X1-1XX Datasheet
21Kb / 1P
   Surface Mount LED Bi-Color
597-7701-107F DIALIGHT-597-7701-107F Datasheet
24Kb / 1P
   Surface Mount LED Bi-Color
logo
Kingbright Corporation
APHB1608SGNC KINGBRIGHT-APHB1608SGNC Datasheet
288Kb / 6P
   1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT LED
APHB1608ZGKSYKC KINGBRIGHT-APHB1608ZGKSYKC Datasheet
265Kb / 6P
   1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMRG-SJS BRIGHT-BL-PMRG-SJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYB-CJS BRIGHT-BL-PMYB-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSG-CJS BRIGHT-BL-PMSG-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSY-CJS BRIGHT-BL-PMSY-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYT-CJS BRIGHT-BL-PMYT-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com