Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V7PF-15A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part No. V7PF-15A
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PF-15A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7PF-15A Datasheet HTML 1Page - Bel Fuse Inc. V7PF-15A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V – 5.0V Output / 15A
• Industry standard pinout
• High efficiency means less power dissipation
• Remote on/off
• Overcurrent protection
Description
The V7PF-15A Series are non-isolated step down DC/DC converters
that operate from a nominal 12V source. These converters are available
in a range of output voltages from 0.9V to 5.0V. They are packaged in an industry standard single-in-line
footprint and provide a maximum 15A output. Standard features include remote on/off, over current protection,
thermal protection, output voltage adjust and remote sense. These products maybe used almost anywhere low-
voltage silicon is being employed and a 12V source is available. Typical applications include file servers,
routers, line cards, and other computing and communications equipment.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical Eff.
(5V out)
Model Number
0.9 – 5.0V
12V
15A
75W
92%
V7PF-15A1A0
1.2 – 5.0V
12V
15A
75W
92%
V7PF-15A1AC
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage Range
10.8VDC
13.2 VDC
Input Current (full load)
6.9A
At 5.0V out, full load
Reflected Ripple Current
120mA p-p
With a simulated source
impedance o f 1500nH, 5Hz
to 20 MHz
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Current
0A
15A
Setpoint Accuracy
-2%
+2%
Total Regulation
5V
2.5V
1.2V
0.9V
55mV
33mV
21mV
17mV
Regulation over all operating
conditions and temperatures.
Ripple and Noise
50mV pk-pk /
25mV rms
0 to 20MHz Bandwidth
Tested with .01uF Ceramic,
10uF Al and 680uF OSCON
capacitors on output.
Output Capacitance
5V
2.5V
1.2V
0.9V
680uF
5080uF
7640uF
9680uF
11000uF
V7PF-15A Series
PRELIMINARY


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn