Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V7PF-15A Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part No. V7PF-15A
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PF-15A Datasheet(HTML) 2 Page - Bel Fuse Inc.

  V7PF-15A Datasheet HTML 1Page - Bel Fuse Inc. V7PF-15A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2003 Bel Fuse Inc. Specifications subject to change without notice. 011703
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel
852-2328-5515
Tel
44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V – 5.0V Output / 15A
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
Max deviation
Recovery to within ± 1%
100mV
200uS
di/dt = 0.1A/uS, Vin =12VDC
Ta = 25
°C, 50-100% load
change, Cout = 680uF.
General Specifications
Parameter
Specification
Switching Frequency
200kHz typical (fixed)
Dimensions
inches
mm
1.20 x 1.00 x 0.46
30.5 x 25.4 x 11.6
Weight
14.2 g
Operating Temperature
0
°C to 80°C (see curve)
Non-Operating Temperature
-40
°C to 125°C
Protection Features
Short circuit
Over current
Undervoltage
Continuous
130% to 250% max Io
UVLO Vin < 9.8V
Remote On/Off
Active High
Efficiency
5V
2.5V
1.2V
92%
87%
79%
Pin Connections
Pin
Function
1
Vout
2
Vout
3
Vout
4
Trim
5
Output Enable
6
Power Good
7
GND
8
GND
9
Reserved
10
Vin
11
Vin
Derating Curves
0
3
6
9
12
15
0
20
40
60
80
Ambient Temp
0LFM
200LFM
400LFM


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn