Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V7BC-16F2AX Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part No. V7BC-16F2AX
Description  NON-ISOLATED DC/DC CONVERTERS 2.4V-5.5V Input 0.75V-3.63V/16A Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BEL [Bel Fuse Inc.]
Homepage  http://www.belfuse.com
Logo 

V7BC-16F2AX Datasheet(HTML) 6 Page - Bel Fuse Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2005 Bel Fuse Inc. Specifications subject to change without notice. 033005
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4V-5.5V Input
0.75V-3.63V/16A Output
Pin Connections
Pin
Function
1
Vout
2
Vout
3
Vo,sense
4
Vout
5
Ground
6
Ground
7
Vin
8
Vin
9
SEQ
10
Trim
11
Remote On/Off


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn