Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBC-10A330 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRBC-10A330
Description  NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-10A330 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRBC-10A330 Datasheet HTML 1Page - Bel Fuse Inc. SRBC-10A330 Datasheet HTML 2Page - Bel Fuse Inc. SRBC-10A330 Datasheet HTML 3Page - Bel Fuse Inc. SRBC-10A330 Datasheet HTML 4Page - Bel Fuse Inc. SRBC-10A330 Datasheet HTML 5Page - Bel Fuse Inc. SRBC-10A330 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 V-14 V Input
1.2 V-5.0 V/10 A Output
Non-Isolated
Under-voltage Lockout (UVLO)
High Efficiency
Over Temperature Protection
High Power Density
OCP/SCP
Excellent Thermal Performance
Remote On/Off
Low Cost
Industrial Temperature Range
Remote Sense
Description
The Bel SRBC-10Axx0 modules are a series of non-isolated dc/dc converters that deliver up to 10 A of output
current with full load efficiency of 93% at 3.3 V output. The open-frame construction and small footprint enable
designers to develop cost and space-efficient solutions. Standard features include remote On/Off, over current
protection, short current protection, and wide input.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
5.0 V
10 V – 14 V
10 A
50.0 W
95%
SRBC-10A500
3.3 V
10 V – 14 V
10 A
33.0 W
93%
SRBC-10A330
2.5 V
10 V – 14 V
10 A
25.0 W
92%
SRBC-10A250
1.8 V
10 V – 14 V
10 A
18.0 W
90%
SRBC-10A180
1.5 V
10 V – 14 V
10 A
15.0 W
89%
SRBC-10A150
1.2 V
10 V – 14 V
10 A
12.0 W
87.5%
SRBC-10A120
Note
: Add “G” suffix at the end of the model number to indicate “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
15 V
Output Enable Terminal Voltage
-0.3 V
-
15 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Note
: All specifications are typical at 25
°C unless otherwise stated.
SRBC-10Axx0 Series
RoHS Compliant


Similar Part No. - SRBC-10A330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10A330 BEL-SRBC-10A330 Datasheet
319Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-10A330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10A2AX BEL-SRBC-10A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7BC-10E2AX BEL-V7BC-10E2AX Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/10 A Output
VRBA-06A1AX BEL-VRBA-06A1AX Datasheet
176Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 0.75 V-6.0 V/6 A Output
VRBC-10E1AX BEL-VRBC-10E1AX Datasheet
273Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 14 V Input 0.75 V - 3.63 V/10 A Output
VRBA-03A1AX BEL-VRBA-03A1AX Datasheet
161Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
SRBA-06A2AX BEL-SRBA-06A2AX Datasheet
170Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/6 A Output
SRBC-16A1AX BEL-SRBC-16A1AX Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A2AX BEL-SRBC-16A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com