Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-2XX1-4XX Datasheet(PDF) 1 Page - Dialight Corporation

Part # 597-2XX1-4XX
Description  Surface Mount LED Right Angle Type Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-2XX1-4XX Datasheet(HTML) 1 Page - Dialight Corporation

  597-2XX1-4XX Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-29
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1
Solder Adherence per MIL-STD-202E, Method 208C
Surface Mount LED
Right Angle Type Package
597-2xx1-4xx
2.0
[.079]
2.0
[.079]
1.0
[.039]
CLEAR
EPOXY
LENS
SUBSTRATE
GLASS FIBER
LAMINATE
DIRECTION
OF LIGHT
LED DIE
3.0
[.118]
2X .30
[.012]
1.00
[.039]
PWB CENTER
.90
[.036]
.20
[.008]
2.0
[.079]
5.0
[.197]
DIRECTION
OF LIGHT
ANODE
MECHANICAL
SOLDERING
REINFORCEMENT
PAD
CATHODE
CATHODE
IDENTIFICATION
MARK
2X .25
[.010]
.88
[.035]
PART NO.*
COLOR
597-2002-4xx
Red
597-2111-4xx
Red
597-2201-4xx
Orange
597-2212-4xx
Orange
597-2222-4xx
Green
597-2311-4xx
Green
597-2401-4xx
Yellow
Dimensions in mm[inches]
*ORDERING INFORMATION
597-2xx1-4xx
packaging option
02
20 pieces on tape
07
7" reel, 3000 pcs/reel
Red
Red
Orange
Orange
Amber
Green
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-2202
-2111
-2201
-2212
-2222
-2311
-2401
Power Dissipation (mW)
81
57.5
70
81
81
70
70
Forward Current (mA)
25
25
25
25
25
25
25
Derating (mA/C°) Above 25°C
.43
.36
.36
.43
.43
.36
.36
Peak Current (mA)
30
60
60
30
30
60
60
Pulse width = 100 µs
100`
100
100
Operating Temperature (°C)
-40/+85
-30/+85
-30/+85
-40/+85
-40/+85
-30/+85
-30/+85
Storage Temperature (°C)
-40/+100 -40/+100 -40/+100 -40/+100 -40/+100 -40/+100 -40/+100
Soldering Temperature
260°C, 5 seconds max
Red
Red
Orange
Orange
Amber
Green
Yellow
OPERATING CHARACTERISTICS (T
A=25°C) -2202
-2111
-2201
-2212
-2222
-2311
-2401
Luminous Intensity (mcd)
Min.
16
6.2
1.5
16
16
2.6
1.5
IF=20mA
Typical
50
12.4
3
65
65
5.2
3
Peak Wavelength (nm)
Typical
630
660
605
609
592
560
580
λ Peak
Viewing Angle (2
Θ 1/2 )
Typical
130°
130°
130°
130°
130°
130°
130°
Forward Voltage (V)
Typical
1.9
1.7
2.2
1.9
1.9
2.1
2.2
IF=20mA
Max.
2.4
2.3
2.8
2.4
2.4
2.8
2.8
Reverse Current (
µA)
Max
100*
100
100
100
100*
100
100
(VR = 4V)
*(VR = 5V)
Θ 11// 22 is the off axis angle at which the luminous intensity is half the axial luminous intensity
®
Features
• Compatible with automatic placement equipment
• Compatible with infrared reflow processes
• Packaged on 8mm tape, 7" reels (meets EIA-481-1 standard)
• Helps to eliminate mixed technology PC board processing
4.0
±.1
[.157
±.004]
CATHODE
Ø 1.5
±.1
[.059
±.004]
TYP
3.50
±.05
[.138
±.002]
8.0
±.2
[.315
±.008]
2.30
[.091]
4.0
±.1
[.157
±.004]
FEED
DIRECTION
1.75
±.10
[.069
±.004]
TAPING
SPECIFICATIONS


Similar Part No. - 597-2XX1-4XX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-2001-213F DIALIGHT-597-2001-213F Datasheet
1Mb / 16P
   40 Years of LED Experience
597-2002-602F DIALIGHT-597-2002-602F Datasheet
204Kb / 1P
   1208 SIDE VIEW CHIP LED RoHS COMPLIANT
597-2002-607F DIALIGHT-597-2002-607F Datasheet
204Kb / 1P
   1208 SIDE VIEW CHIP LED RoHS COMPLIANT
597-2003-502F DIALIGHT-597-2003-502F Datasheet
178Kb / 1P
   0605 SIDE VIEW CHIP LED RoHS COMPLIANT
597-2003-507F DIALIGHT-597-2003-507F Datasheet
178Kb / 1P
   0605 SIDE VIEW CHIP LED RoHS COMPLIANT
More results

Similar Description - 597-2XX1-4XX

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMD11504 VCC-CMD11504 Datasheet
656Kb / 1P
   Right Angle Surface Mount LED
logo
LUMEX INC.
SSF-LXH305YGW-TR LUMEX-SSF-LXH305YGW-TR Datasheet
86Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305GD LUMEX-SSF-LXH305GD Datasheet
126Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305GD-5V LUMEX-SSF-LXH305GD-5V Datasheet
73Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305SOD LUMEX-SSF-LXH305SOD Datasheet
64Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305SYD-TR LUMEX-SSF-LXH305SYD-TR Datasheet
66Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305USBD LUMEX-SSF-LXH305USBD Datasheet
112Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305UWC LUMEX-SSF-LXH305UWC Datasheet
74Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH305YD LUMEX-SSF-LXH305YD Datasheet
73Kb / 1P
   Right Angle Surface Mount Led
SSF-LXH306SUGSIWTR LUMEX-SSF-LXH306SUGSIWTR Datasheet
167Kb / 2P
   Right Angle Surface Mount Led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com