Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591-2001-102 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 591-2001-102
Description  3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2001-102 Datasheet(HTML) 2 Page - Dialight Corporation

  591-2001-102 Datasheet HTML 1Page - Dialight Corporation 591-2001-102 Datasheet HTML 2Page - Dialight Corporation 591-2001-102 Datasheet HTML 3Page - Dialight Corporation 591-2001-102 Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-14
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Parameter
-2001
-2301
-2401
Color*
20
23
24
Power Dissipation
100 mA
100 mA
60 mA
(derate linearly from 25°C mA/°C)
.4
.4
.25
Forward DC Current
30 mA
30 mA
20mA
Peak Forward Current (10µsec)
120 mA
120 mA
80 mA
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
Soldering Temperatures
Convection IR
235° Peak, above 185° for 90 sec.,
Vapor Phase
215°C for 3 Min.
Absolute Maximum Ratings, TA=25°C
Operating Characteristics (TA = 25°C)
Part No.
-2001
-2301
-2401
-2001
-2301
-2401
-2001
-2301
-2401
-2001
-2301
-2401
-2001
-2301
-2401
Min
5
5
5
Typ
2
2
2
628
570
590
5
4
5
40
40
40
Max
2.6
2.6
2.6
Forward Voltage
VF
Reverse Voltage
VR
Dominant Wavelength
λ Dom
Luminous Intensity
IV
Viewing Angle
(2Θ 11//22 )
V
IF = 10mA
V
IR = 10 µA
nm
mcd
deg.
IF = 10mA
Units
Test Cond.
Parameter
Θ 11// 22 is the off axis angle at which the luminous intensity is half the axial luminous intensity
*LED colors: 20) High Efficiency Red 23) High Performance Green,
24) High Performance Yellow
Solder Adherence per MIL-STD-202E, Method 208C
*LED colors: 20) High Efficiency Red 23) High Performance Green,
24) High Performance Yellow
Color
20
23
24
20
23
24
20
23
24
20
23
24
20
23
24
U.S. Patent RE 34,254; foreign patents pending.
591-2001-1xx
591-2301-1xx
591-3401-1xx


Similar Part No. - 591-2001-102

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2001-102 DIALIGHT-591-2001-102 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-102F DIALIGHT-591-2001-102F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
More results

Similar Description - 591-2001-102

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-2301-002F DIALIGHT-591-2301-002F Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2101-013F DIALIGHT-591-2101-013F Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
591-3X0X-0XX DIALIGHT-591-3X0X-0XX Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com