Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV99W
Description  High-speed double diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV99W Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV99W Datasheet HTML 1Page - NXP Semiconductors BAV99W Datasheet HTML 2Page - NXP Semiconductors BAV99W Datasheet HTML 3Page - NXP Semiconductors BAV99W Datasheet HTML 4Page - NXP Semiconductors BAV99W Datasheet HTML 5Page - NXP Semiconductors BAV99W Datasheet HTML 6Page - NXP Semiconductors BAV99W Datasheet HTML 7Page - NXP Semiconductors BAV99W Datasheet HTML 8Page - NXP Semiconductors BAV99W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 May 11
2
Philips Semiconductors
Product specification
High-speed double diode
BAV99W
FEATURES
• Very small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 75 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATIONS
• High-speed switching in e.g.
surface mounted circuits.
DESCRIPTION
The BAV99W consists of two
high-speed switching diodes
connected in series, fabricated in
planar technology, and encapsulated
in the very small SOT323 plastic SMD
package.
PINNING
PIN
DESCRIPTION
1
anode
2
cathode
3
common connection
Fig.1 Simplified outline (SOT323; SC-70) and symbol.
3
21
Top view
MAM094
21
3
Marking code: A7.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
85
V
VR
continuous reverse voltage
75
V
IF
continuous forward current
single diode loaded; note 1;
see Fig.2
150
mA
double diode loaded; note 1;
see Fig.2
130
mA
IFRM
repetitive peak forward current
500
mA
IFSM
non-repetitive peak forward
current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
4A
t=1ms
1A
t=1s
0.5
A
Ptot
total power dissipation
Tamb =25 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C


Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
SUNMATE electronic Co.,...
BAV99W SUNMATE-BAV99W Datasheet
1Mb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Nexperia B.V. All right...
BAV99W NEXPERIA-BAV99W Datasheet
201Kb / 10P
   High-speed switching diode
1 July 2022
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
37Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
KEC(Korea Electronics)
BAV99W KEC-BAV99W Datasheet
349Kb / 1P
   USM PACKAGE
More results

Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
   High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
   High-Speed Double Diode
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
   High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
   High-speed double diode
2003 Nov 07
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com