Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

569-0117-700 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 569-0117-700
Description  3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

569-0117-700 Datasheet(HTML) 1 Page - Dialight Corporation

  569-0117-700 Datasheet HTML 1Page - Dialight Corporation 569-0117-700 Datasheet HTML 2Page - Dialight Corporation 569-0117-700 Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-36 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm
LED CBI® Circuit Board Indicator
High Density Narrow Bi-Level
569-011x-x00
1.63
[.065]
POS. 1
POS. 2
8.89
[.350]
4.57
[.180]
2.29
[.090]
3.81
[.150]
14.73
[.580]
6.10
[.240]
2.54
[.100] 2.54
[.100]
2.54
[.100]
3.68
±.25
[.145
±.010]
90
°
TYP
.46 SQ NOM TYP
[.018]
2.54
±.05
[.100
±.002]
2.54
±.05
[.100
±.002]
2.54
±.05
[.100
±.002]
Ø 1.02
±.05
[.040
±.002]
TYP (8)
3.26
[.130]
ANODE
(+) LEAD
TOP
LED
PART NO.
COLOR*
569-0111-100
Red
569-0112-200
Green
569-0113-300
Yellow
569-0117-700
Orange
569-0118-800
Blue³
* Top - Bottom LED
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
569-0111-100
Red
635
10
2*
10
60°
521-9216
4-58
569-0112-200
Green
565
12.6
2.1*
10
60°
521-9210
4-58
569-0113-300
Yellow
585
10
2.1*
10
60°
521-9211
4-58
569-0117-700
Orange
600
7
2.2
10
60°
521-9498
4-58
569-0118-800
Blue
428
12
3.5
10
70°
521-9831
4-57
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
5 6 9 - 0 1 1 x - x 0 0
LED Type
Series
PART NUMBER ORDERING CODE
Color = 0) Blank 1) Red 2) Green 3) Yellow 7) Orange 8) Blue
Pos. 2 Color
Housing Type
Pos. 1 Color
Features
• Multiple CBIs form horizontal LED arrays on 3.35mm
(0.132”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.446 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
• Compatible with:
569-010x-xxx Dual Bi-Level
Custom Combinations
Contact factory for information on custom
color combinations
* IF=20mA
NEW
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 569-0117-700

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
569-0101-111 DIALIGHT-569-0101-111 Datasheet
43Kb / 3P
   3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
569-0102-222 DIALIGHT-569-0102-222 Datasheet
43Kb / 3P
   3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
569-0103-333 DIALIGHT-569-0103-333 Datasheet
43Kb / 3P
   3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
569-0107-777 DIALIGHT-569-0107-777 Datasheet
43Kb / 3P
   3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
569-0108-888 DIALIGHT-569-0108-888 Datasheet
43Kb / 3P
   3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
More results

Similar Description - 569-0117-700

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0233F DIALIGHT-553-0233F Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0111-200F DIALIGHT-553-0111-200F Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
569-010X-XXX DIALIGHT-569-010X-XXX Datasheet
43Kb / 3P
   3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com