Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

742C083330XP Datasheet(PDF) 5 Page - CTS Corporation

Part # 742C083330XP
Description  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

742C083330XP Datasheet(HTML) 5 Page - CTS Corporation

  742C083330XP Datasheet HTML 1Page - CTS Corporation 742C083330XP Datasheet HTML 2Page - CTS Corporation 742C083330XP Datasheet HTML 3Page - CTS Corporation 742C083330XP Datasheet HTML 4Page - CTS Corporation 742C083330XP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Stan
Re
r V
s &
Cod
dard
sisto
alue
EIA
e
Page 5 of 5
May 2006
CTS Electronic Components
www.ctscorp.com
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
0
000X
68
680
470
471
3.9K
392
33K
333
270K
274
10
100
75
750
510
511
4.7K
472
39K
393
330K
334
12
120
82
820
560
561
5.1K
512
47K
473
390K
394
15
150
100
101
680
681
5.6K
562
51K
513
470K
474
18
180
110
111
820
821
6.8K
682
56K
563
510K
514
22
220
120
121
1K
102
8.2K
822
68K
683
560K
564
27
270
150
151
1.2K
122
10K
103
82K
823
680K
684
33
330
180
181
1.5K
152
12K
123
100K
104
820K
824
39
390
220
221
1.8K
182
15K
153
120K
124
1M
105
47
470
270
271
2.2K
183
150K
154
222
18K
51
510
0
331
2.7K
272
22K
223
180K
184
33
56
390
391
3.3K
560
332
27K
273
220K
224
How to Order
J & G tol.
742C083 101 J P
F tol.
Part Marking
E-
e E-
e E-
e
24 Valu
24 Valu
96 Valu
741
3 Digit
3 Digit
4 Digit
742
3 Digit
3 Digit
4 Digit
743
3 Digit
4 Digit
4 Digit
744
3 Digit
4 Digit
4 Digit
745
3 Digit
4 Digit
4 Digit
746
3 Digit
4 Digit
4 Digit
Tape & Reel Information
Reel
Diameter
7"
741X043
741C083
741X083
742C043
741
3
X16
742C083
742
3
X08
742C163 743C043 743C083 744C043 744C083
745C101
745C102
745X101
745X102
746X101
Parts/Reel
10000
5000
5000
4000
4000
4000
4000
2000
4000
4000
5000
Pitch
2mm
4mm
4mm
4mm
4mm
4mm
4mm
8mm
4mm
4mm
4mm
Carrier
Width
8mm
8mm
8mm
12mm
8mm
12mm
8mm
12mm
12mm
12mm
8mm
Material
Paper
Paper
Paper
Plastic
Plastic
Plastic
Plastic
Plastic
Plastic
Plastic
Paper
Resistor Code
olerance
% (Stand
-digit code
T
J = ±5
ard) 3
G = ±2% 3-digit code (741-745 only)
de
F = ±1% 4-digit co
(741-745 only)
r zer
ump
Part Code
Outlines (Page 2)
h)
X fo
o ohm j
er
RoHS Compliant (matte Sn finis
Insert “P” for RoHS; Otherwise blank
See Standard Package
3 Digit Resistor Code – Refer to the EIA Code noted above
4 Digit Resistor Code (used only for 1% tolerance) – The
three digits are significant and fourth digit is multiplier; “R
first
49R9 = 49.9 ohms
1001 = 1,000 ohms
1002 = 10,000 ohms
Example:
742C08310R0
indicates
values
.
decimal on
less than 100 ohms
Examples:
10R0 = 10 ohms
1000 = 100 ohms
F


Similar Part No. - 742C083330XP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
742C083 ETC1-742C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
CTS Corporation
742C083 CTS-742C083 Datasheet
156Kb / 5P
   Chip Resistor Arrays
742C083 CTS-742C083 Datasheet
182Kb / 4P
   Low Cost
742C083 CTS-742C083 Datasheet
182Kb / 4P
   Chip Resistor Arrays
742C0831001FP CTS-742C0831001FP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results

Similar Description - 742C083330XP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com