Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9323 Datasheet(PDF) 9 Page - Dialight Corporation

Part # 521-9323
Description  LED CBI Circuit Board Indicator Bi-level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9323 Datasheet(HTML) 9 Page - Dialight Corporation

Back Button 521-9323 Datasheet HTML 2Page - Dialight Corporation 521-9323 Datasheet HTML 3Page - Dialight Corporation 521-9323 Datasheet HTML 4Page - Dialight Corporation 521-9323 Datasheet HTML 5Page - Dialight Corporation 521-9323 Datasheet HTML 6Page - Dialight Corporation 521-9323 Datasheet HTML 7Page - Dialight Corporation 521-9323 Datasheet HTML 8Page - Dialight Corporation 521-9323 Datasheet HTML 9Page - Dialight Corporation 521-9323 Datasheet HTML 10Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-63
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm Discrete LED
Bi-Color
Non-Tinted, Diffused
521-9459
2.54
[.100]
3.00
[.118]
4.59 [.181]
6.10 [.240]
.50
[.020] SQ.
NOM.
26.92 [1.06] MIN
3.40
[.134]
MAX
CATHODE
GREEN
1.80
[.071]
MAX
4.0
[.158]
1.0
[.040]
PART NO.
COLOR
521-9459
Red/Green
Red/Green
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-9459
Power Dissipation (mW)
140
Forward Current (mA)
45
Derating (mA/°C) From 25°C
.6
Peak Current (mA)
1000
Pulse width = 10µs
Operating Temperature (°C)
-55/+100
Storage Temperature (°C)
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red/Green
OPERATING CHARACTERISTICS (TA=25°C)
-9459
Luminous Intensity (mcd)
Min.
2.5/3.7
IF=10mA
Typical
4.7/10
Peak Wavelength (nm)
Typical
635/565
λ Peak
Viewing Angle (2
Θ½)
Typical
50°
Forward Voltage (V)
Typical
2/2.1
IF=10mA
Max.
2.8/2.8
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 521-9323

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9323 DIALIGHT-521-9323 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
521-9323 DIALIGHT-521-9323 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
521-9323 DIALIGHT-521-9323 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9323 DIALIGHT-521-9323 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
521-9323 DIALIGHT-521-9323 Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
More results

Similar Description - 521-9323

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com