Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5ND-9674 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 5ND-9674
Description  5mm LED CBI Circuit Board Indicator Bi-level
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5ND-9674 Datasheet(HTML) 2 Page - Dialight Corporation

  5ND-9674 Datasheet HTML 1Page - Dialight Corporation 5ND-9674 Datasheet HTML 2Page - Dialight Corporation 5ND-9674 Datasheet HTML 3Page - Dialight Corporation 5ND-9674 Datasheet HTML 4Page - Dialight Corporation 5ND-9674 Datasheet HTML 5Page - Dialight Corporation 5ND-9674 Datasheet HTML 6Page - Dialight Corporation 5ND-9674 Datasheet HTML 7Page - Dialight Corporation 5ND-9674 Datasheet HTML 8Page - Dialight Corporation 5ND-9674 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6-37
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-0311
Red
655
2
5
13
60°
5RD-9422
6-52
552-0322
Green
565
8
5
12
60°
5RD-9423
6-52
552-0333
Yellow
583
8
5
10
60°
521-9284
6-41
552-0xxx
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-0211
Red
650
7
2.2
10
50°
5HD-9269
6-49
552-0222
Green
563
10
2.1
10
65°
5HD-9270-5
6-49
552-0233
Yellow
585
6.3
2.1
10
50°
5HD-9271-5
6-49
552-0277
Orange
600
7
1.9
10
60°
521-9704
6-43
HIGH EFFICIENCY
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-58 for Pin Out
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-0911
Red
635
2
1.8
2
50°
521-9320
6-42
552-0922
Green
565
1.8
1.8
2
50°
521-9327
6-42
552-0933
Yellow
583
1.8
1.9
2
50°
521-9321
6-42
LOW CURRENT
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-0811
Red
650
34
2.1
20
50°
5SD-9441
6-53
552-0822
Green
563
34
2.2
20
50°
5SD-9456
6-53
552-0833
Yellow
585
34
2.2
20
50°
5SD-9455
6-53
SUPER BRIGHT
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-0711
Red/Green
660/565
90/40
1.8/2.1
20
60°
521-9651
6-46
552-0744
Yellow/Green
585/565
8.7/8.7
2.1/2.1
20
50°
521-9724
6-46
BI-COLOR
INTEGRAL RESISTOR, 5 VOLTS
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-0422
Green
565
4
12
13
60°
5RD-9378
6-52
552-0433
Yellow
583
4
12
13
60°
5RD-9379
6-52
INTEGRAL RESISTOR, 12 VOLTS


Similar Part No. - 5ND-9674

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5ND-9674 DIALIGHT-5ND-9674 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
5ND-9674 DIALIGHT-5ND-9674 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
5ND-9674 DIALIGHT-5ND-9674 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 5ND-9674

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com