Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0410JPE-00-J3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJF0410JPE-00-J3
Description  40V - 40A - N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0410JPE-00-J3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJF0410JPE-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 7Page - Renesas Technology Corp RJF0410JPE-00-J3 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RJF0410JPE
R07DS1237EJ0300 Rev.3.00
Page 3 of 7
Oct 29, 2015
Main Characteristics
100
1000
10
1
0.1
0.1
1
10
100
Ta = 25
°C
100
80
60
40
20
0
24
6
8
10
V
GS = 3.5 V
4.0 V
40
30
20
10
02
14
35
Tc = -40
°C
25
°C
150
°C
400
300
200
100
02
4
6
8
10
5 A
10 A
ID = 20 A
100
0.1
1
10
100
10
1
VGS = 10 V
5 V
200
150
100
50
0
50
100
150
200
1 ms
PW = 10 ms
DC Operation
(Tc = 25
°C)
8.0 V
10 V
5.0 V
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source State Resistance
vs. Drain Current
Case temperature Tc (
°C)
Power vs. Temperature Derating
Pulse Test
VDS = 10 V
Pulse Test
Pulse Test
Pulse Test
Thermal shut down
operation area
Operation in this area
is limited by R
DS(on)


Similar Part No. - RJF0410JPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
More results

Similar Description - RJF0410JPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com