Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9408 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 521-9408
Description  3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9408 Datasheet(HTML) 1 Page - Dialight Corporation

  521-9408 Datasheet HTML 1Page - Dialight Corporation 521-9408 Datasheet HTML 2Page - Dialight Corporation 521-9408 Datasheet HTML 3Page - Dialight Corporation 521-9408 Datasheet HTML 4Page - Dialight Corporation 521-9408 Datasheet HTML 5Page - Dialight Corporation 521-9408 Datasheet HTML 6Page - Dialight Corporation 521-9408 Datasheet HTML 7Page - Dialight Corporation 521-9408 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-25
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm
LED CBI
® Circuit Board Indicator
Quad, .200” High LED Centerline
551-xx07-004
5.08
[.200]
2.16
[.085]
4.32
[.170]
17.27
[.680]
CATHODE Red/Yellow
Cathode for Bi-color
2.54
[.100]
4.32
[.170]
6.35
[.250]
7.11
[.280]
3.68
[.145]
.058
[.020] SQ.
4.44
[.175]
3.05
[.120]
2.54
[.100]
2.54
[.100]
4.32
[1.70]
.97 DIA
[.038]
RECOMMENDED
PC BOARD LAYOUT
CATHODE
ID
PART NO.
COLOR*
HIGH EFFICIENCY
551-0207-004
Green
551-0307-004
Yellow
551-0407-004
Red
551-2507-004
Orange
INTEGRAL RESISTOR, 5 VOLTS
551-0507-004
Red
551-0607-004
Green
551-0707-004
Yellow
LOW CURRENT
551-1107-004
Red
551-1207-004
Yellow
551-1307-004
Green
BI-COLOR
551-3007-004
Red/Green
551-3107-004
Yellow/Green
* LED 1, LED 2, LED 3, LED 4
REVERSE POLARITY OPTION AVAILABLE
See Part Number Ordering Code below.
Custom Combinations
Contact factory for information on custom color
combinations
Dimensions in mm [inches]
Standard Polarity shown in drawing: Cathode right
5 5 1 - x x 0 7 - 0 x 4
LED Type
Series
PART NUMBER ORDERING CODE
Housing Type
Polarity Option
0 - Standard Cathode Right
1 - Reverse Cathode Left
Quad Block
Features
• Multiple CBIs form horizontal LED arrays on 4.32mm
(0.170”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 31.5%
• Polymer content: PBT, 0.875 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with:
551-xx07
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]


Similar Part No. - 521-9408

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9408 DIALIGHT-521-9408 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
521-9408 DIALIGHT-521-9408 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9408 DIALIGHT-521-9408 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
521-9408 DIALIGHT-521-9408 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
521-9408 DIALIGHT-521-9408 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 521-9408

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com