Electronic Components Datasheet Search |
|
5RD-9422 Datasheet(PDF) 6 Page - Dialight Corporation |
|
5RD-9422 Datasheet(HTML) 6 Page - Dialight Corporation |
6 / 11 page 6-46 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com 5mm Discrete LED Bi-Color Non-Tinted, Diffused 521-9651, -9724 5.00 [.197] 8.64[.340] 22.1 [.87] MIN. 0.51 [.020] CATHODE GREEN, RED/GREEN BI-COLOR 521-9651 CATHODE YELLOW, YELLOW/GREEN BI-COLOR 521-9724 1.00 [.04] 5.59 [.220] 2.54 [.100] 1.50 [.059] MAX PART NO. LED COLOR 521-9651 Red/Green 521-9724 Yellow/Green Red/Green Yellow/Green ABSOLUTE MAXIMUM RATINGS (T A=25°C) - 9651 -9724 Power Dissipation (mW) 100/100 60/100 Forward Current (mA) 40/30 20/30 Derating (mA/°C) From 50°C .5/.4 .25/.40 Peak Current (mA) 200/120 80/120 Pulse width = 100 µs Operating Temperature (°C) -55/+100 -55/+100 Storage Temperature (°C) -55/+100 -55/+100 Soldering Temperature 260°C, 5 seconds, 1.6 mm from case Red/Green Yellow/Green OPERATING CHARACTERISTICS (T A=25°C) -9651 -9724 Luminous Intensity (mcd) Min. 29/12.6 2.5/2.5 IF=20mA Typical 90/40 8.7/8.7 Peak Wavelength (nm) Typical 660/565 585/565 λ Peak Viewing Angle (2 Θ ½) Typical 60° 50° Forward Voltage (V) Typical 1.8/2.1 2.1/2.1 IF=20mA Max. 2.4/2.8 2.8/2.8 Dimensions in mm [inches] MOUNTING CLIP: 515-0005 located on page 6-48 Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity Solder Adherence per MIL-STD-202E, Method 208C |
Similar Part No. - 5RD-9422 |
|
Similar Description - 5RD-9422 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |