Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9465 Datasheet(PDF) 8 Page - Dialight Corporation

Part # 521-9465
Description  5mm LED CBI Circuit Board Indicator 250 LED Centerline
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9465 Datasheet(HTML) 8 Page - Dialight Corporation

Back Button 521-9465 Datasheet HTML 3Page - Dialight Corporation 521-9465 Datasheet HTML 4Page - Dialight Corporation 521-9465 Datasheet HTML 5Page - Dialight Corporation 521-9465 Datasheet HTML 6Page - Dialight Corporation 521-9465 Datasheet HTML 7Page - Dialight Corporation 521-9465 Datasheet HTML 8Page - Dialight Corporation 521-9465 Datasheet HTML 9Page - Dialight Corporation 521-9465 Datasheet HTML 10Page - Dialight Corporation 521-9465 Datasheet HTML 11Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
6-49
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
OPERATING CHARACTERISTICS
Red
Green
Green
Yellow
Yellow
(T
A=25°C)
-9269
-9270-2
-9270-5
-9271-2
-9271-5
Luminous Intensity (mcd)
Min.
2.2
4
3.6
4
2.2
IF=10mA
Typical
7
32
10
10
6.3
Peak Wavelength (nm)
Typical
650
565
563
590
585
λ Peak
Viewing Angle (2
Θ ½)
Typical
50°
50°
65°
70°
50°
Forward Voltage (V)
Typical
2.2
2*
2.1
2.4*
2.1
IF=10mA, *IF=20mA
Max.
2.5
2.6*
3
3*
3
Reverse Voltage (V),
Min.
5
5*
3*
5*
3
IR=100µA *IR=10µA
ABSOLUTE MAXIMUM RATINGS
Red
Green
Green
Yellow
Yellow
(T
A=25°C)
-9269
-9270-2
-9270-5
-9271-2
-9271-5
Power Dissipation (mW)
60
140
75
200
60
Derating (mW/°C) From 50°C 1. From 40°C
.66
1
.66
1
.66
1
Forward Current (mA)
20
40
25
60
20
Derating (mA/°C) From 25°C
.6
.8
Peak Current (mA)
60
500
60
1000
60
Pulse width = 1µs
Operating Temperature (°C)
-25/+85
-55/+100
-25/+85
-55/+100
-25/+85
Storage Temperature (°C)
-30/+100
-55/+100
-30/+100
-55/+100
-30/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
5mm
High Efficiency
Diffused
5HD-xxxx
TYPE
COLOR
*5HD-9269
Red
*5HD-9270-2
Green
*5HD-9270-5
Green
*5HD-9271-2
Yellow
*5HD-9271-5
Yellow
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 521-9465

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9465 DIALIGHT-521-9465 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
521-9465 DIALIGHT-521-9465 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
521-9465 DIALIGHT-521-9465 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 521-9465

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com