Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-2308 Datasheet(PDF) 4 Page - Dialight Corporation

Part # 550-2308
Description  5mm LED CBI Circuit Board Indicator 250 LED Centerline
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-2308 Datasheet(HTML) 4 Page - Dialight Corporation

  550-2308 Datasheet HTML 1Page - Dialight Corporation 550-2308 Datasheet HTML 2Page - Dialight Corporation 550-2308 Datasheet HTML 3Page - Dialight Corporation 550-2308 Datasheet HTML 4Page - Dialight Corporation 550-2308 Datasheet HTML 5Page - Dialight Corporation 550-2308 Datasheet HTML 6Page - Dialight Corporation 550-2308 Datasheet HTML 7Page - Dialight Corporation 550-2308 Datasheet HTML 8Page - Dialight Corporation 550-2308 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
6-42
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-9320
-9321
-9327
Power Dssipation (mW)
27
36
24
Derating (mA/°C)
From 92°C
111
Forward Current (mA)
7
7
7
Peak Current (mA)
500
500
500
Pulse width = 10 µs
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
5mm Discrete LED
Low Current, 2mA
Diffused
521-9320, -9321, -9327
8.81 [.347]
.76
[.030]
25.1 [1.00]
MIN
1.27
[.050]
4.83
[.190]
.46
[.018]
5.84
[.230]
2.54
[.100]
CATHODE
1.0
[.040]
MAX
1.0
[.040]
MAX
PART NO.
COLOR
521-9320
Red
521-9321
Yellow
521-9327
Green
Red
Yellow
Green
OPERATING CHARACTERISTICS (TA=25°C)
-9320
-9321
-9327
Luminous Intensity (mcd)
Min.
1.2
1.2
1.2
IF=2mA
Typical
2
1.8
1.8
Peak Wavelength (nm)
Typical
635
583
565
λ Peak
Viewing Angle (2
Θ ½)
Typical
50°
50°
50°
Forward Voltage (V)
Typical
1.8
1.9
1.8
IF=2mA
Max.
2.2
2.7
2.2
Reverse Voltage (V), IR=50µA
Min.
5
5
5
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004
located on page 6-48
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 550-2308

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-2304 DIALIGHT-550-2304 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
550-2304 DIALIGHT-550-2304 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
550-2305 DIALIGHT-550-2305 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
550-2307 DIALIGHT-550-2307 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-2307 DIALIGHT-550-2307 Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
More results

Similar Description - 550-2308

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com