Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-0807-004 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 550-0807-004
Description  5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-0807-004 Datasheet(HTML) 3 Page - Dialight Corporation

  550-0807-004 Datasheet HTML 1Page - Dialight Corporation 550-0807-004 Datasheet HTML 2Page - Dialight Corporation 550-0807-004 Datasheet HTML 3Page - Dialight Corporation 550-0807-004 Datasheet HTML 4Page - Dialight Corporation 550-0807-004 Datasheet HTML 5Page - Dialight Corporation 550-0807-004 Datasheet HTML 6Page - Dialight Corporation 550-0807-004 Datasheet HTML 7Page - Dialight Corporation 550-0807-004 Datasheet HTML 8Page - Dialight Corporation 550-0807-004 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Red
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9183
-9284
Forward Voltage (V)
7.5
7.5
Derating (V/°C) From 50°C
.071
.071
Operating Temperature (°C)
-40/+85
-40/+85
Storage Temperature (°C)
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
6-41
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm Discrete LED
Integral Resistor, 5 Volts
Diffused
9.19 [.362]
8.43 [.332]
.76
[.030]
25.1 [1.00]
MIN
1.27
[.050]
.64
[.025]
5.84
[.230]
2.54
[.100]
CATHODE
1.0
[.040]
MAX
1.0
[.040]
MAX
5.08 [.200]
4.57 [.180]
PART NO.
LED COLOR
521-9183
Red
521-9284
Yellow
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004
located on page 6-48
Red
Yellow
OPERATING CHARACTERISTICS (T
A=25°C)
-9183
-9284
Luminous Intensity (mcd)
Min.
2
2
VF = 5V
Typical
8
8
Peak Wavelength (nm)
Typical
635
583
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
60°
Forward Current (I)
Typical
10
10
VF = 5V
Max
15
15
Reverse Voltage (V), IR=100µA
Min.
5
5
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
521-9183, -9284


Similar Part No. - 550-0807-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0807 DIALIGHT-550-0807 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-0807 DIALIGHT-550-0807 Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
More results

Similar Description - 550-0807-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
550-XX05 DIALIGHT-550-XX05 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com