Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2402B7TR7 Datasheet(PDF) 3 Page - CTS Corporation

Part # RT2402B7TR7
Description  DDR SDRAM Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2402B7TR7 Datasheet(HTML) 3 Page - CTS Corporation

  RT2402B7TR7 Datasheet HTML 1Page - CTS Corporation RT2402B7TR7 Datasheet HTML 2Page - CTS Corporation RT2402B7TR7 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 3
July 06
www.ctscorp.com
DDR SDRAM Terminator
Applications
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
This product is covered by one or more of the following U.S. and foreign patents:
US 5,977,863; TW 133,148; US 6,005,777; US 6,194,979; TW 89104035; US 6,097,277; US 6,246,312; US 6,749,775; US 6,577,225; US 6,963,265;
US 6,897,761; US 6,882,266; US 6,946,733; US 6,856,516. Other U.S. and foreign patents pending.
DIMM
Memory Controller
D0
LDQS
D15
UDQS
DIMM
DIMM
DIMM
VTT
VTT
RT2404
RT2402
DDR SDRAM SSTL_2
ith
Single End Termination.
SSTL_2
Vout
VTT = 0.5V x VDDQ
VREF = 0.5V x V
DDQ
VIN
RS = 25 ohms
1/18 RT2404
RT = 50 ohms
1/18 RT2402
SSTL_2 Class I, symmetrically
single parallel terminated output
load, and series resistor.
SSTL_2
Vout
VTT = 0.5V x VDDQ
VREF = 0.5V x V
DDQ
VIN
RS = 25 ohms
1/9 RT2400(R2)
RT2 = 50 ohms
1/18 RT2402
VTT = 0.5V x VDDQ
SSTL_2 Class II, symmetrically
double parallel terminated output
load, and series resistor.
RT1 = 50 ohms
1/9 RT2400(R1)
SSTL_2
Vout
VTT = 0.5V x VDDQ
VREF = 0.5V x VDDQ
VIN
RT = 50 ohms
1/18 RT2402
VTT = 0.5V x VDDQ
SSTL_2 Class I, symmetrically
double parallel terminated output.
RT = 50 ohms
1/18 RT2402


Similar Part No. - RT2402B7TR7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT240128ASR ETC2-RT240128ASR Datasheet
26Kb / 1P
   1/64Duty 1/9 Bias Gray mode STN Transflective
RT240128ASRL ETC2-RT240128ASRL Datasheet
26Kb / 1P
   1/64Duty 1/9 Bias Gray mode STN Transflective
RT240PD ETC1-RT240PD Datasheet
704Kb / 10P
   Preliminary 10W Power Transistor
More results

Similar Description - RT2402B7TR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1415B7 CTS-RT1415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
   DDR SDRAM Terminator
logo
List of Unclassifed Man...
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
   DDR SDRAM TERMINATOR NETWORKS.
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com