Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2454B6TR13 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT2454B6TR13
Description  GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2454B6TR13 Datasheet(HTML) 1 Page - CTS Corporation

  RT2454B6TR13 Datasheet HTML 1Page - CTS Corporation RT2454B6TR13 Datasheet HTML 2Page - CTS Corporation RT2454B6TR13 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
March 06
www.ctscorp.com
GTL, GTL+, AGTL+ Terminator
GTL, GTL+, AGTL+ Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
Typical Application
Vtt
Vtt
Vtt
G TL+ B ac k pla ne
Vtt
RT24 51B 6
Ca rd
Ca rd
Ca rd
Ca rd
RT24 51B 6
Features
8 Bit, 16 Bit, and 32 Bit Termination Sets
Compliant for GTL, GTL+, and AGTL+
Termination
Excellent High Frequency Performance
Slim BGA Package
1% Resistor Tolerance
Low Channel to Channel Cross Talk
RoHS Compliant Designs Available
Compatible with both lead and lead-free
processes
Ordering Information
Standard
Part No.
R
Ohms
Bits
Pitch
(mm)
RoHS Part
Number
RT1450B6
25
8
1.27
RT2450B6
RT1451B6
25
16
1.27
RT2451B6
RT1452B6
25
32
1.27
RT2452B6
RT1453B6
56
8
1.27
RT2453B6
RT1454B6
56
16
1.27
RT2454B6
RT1427B6
56
32
1.27
RT2427B6
RT1410B6
150
8
1.27
RT2410B6
RT1411B6
150
16
1.27
RT2411B6
RT1412B6
150
32
1.27
RT2412B6
RT1412B7
150
32
1.00
RT2412B7
Top Probe-able part numbers are available.
Refer to the following link for detailed Top Side Probe-able information:
www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Description
These integrated termination networks provide high
performance line termination for GTL, GTL+, and AGTL+
busses.
The patented star circuit design combined with a ceramic
substrate minimizes cross talk between channels that is
common in other termination networks and resistor arrays.
The BGA packaging has been proven to reduce rework and
improve reliability.
8 Bit
AB
C
1
2
3
16 Bit
DE
F
ABC
1
2
3
32 Bit
DE
F
ABC
KL
M
GH
J
1
2
3
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
± 100ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C
Style D
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2415B7TR7
13 inch reel, Add TR13 to part
number, example RT2415B7TR13
(Bulk packaging is not available)
Direction of Feed


Similar Part No. - RT2454B6TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT24-18 ETC2-RT24-18 Datasheet
1Mb / 12P
   Client Side Antennas
logo
CTS Corporation
RT2400B6 CTS-RT2400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B6TR13 CTS-RT2400B6TR13 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B6TR7 CTS-RT2400B6TR7 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B7 CTS-RT2400B7 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2454B6TR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2034 NXP-GTL2034 Datasheet
90Kb / 13P
   4-bit GTL to GTL buffer
Rev. 01-11 November 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com