Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1412B7 Datasheet(PDF) 3 Page - CTS Corporation

Part # RT1412B7
Description  GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1412B7 Datasheet(HTML) 3 Page - CTS Corporation

  RT1412B7 Datasheet HTML 1Page - CTS Corporation RT1412B7 Datasheet HTML 2Page - CTS Corporation RT1412B7 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 3
March 06
www.ctscorp.com
GTL, GTL+, AGTL+ Terminator
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_4__B_
CTS YRWK
D
1.27mm Pitch
L
W
H
P
D
K
mm
3.81
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
3 x 3 Array
(8 Bit)
inch
.150
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
mm
7.62
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
3 x 6 Array
(16 Bit)
inch
.300
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
mm
15.24
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
3 x 12 Array
(32 Bit)
inch
.600
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.00mm Pitch
L
W
H
P
D
K
mm
12.00
±0.15
3.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
3 x 12 Array
(32 Bit)
inch
.472
±.006
.118
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010


Similar Part No. - RT1412B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1412B7 CTS-RT1412B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1412B7TR13 CTS-RT1412B7TR13 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1412B7TR7 CTS-RT1412B7TR7 Datasheet
70Kb / 2P
   Configuration Selector Guide
More results

Similar Description - RT1412B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2034 NXP-GTL2034 Datasheet
90Kb / 13P
   4-bit GTL to GTL buffer
Rev. 01-11 November 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com