Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT1450B6 Datasheet(PDF) 1 Page - CTS Corporation

Part No. RT1450B6
Description  GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTS [CTS Corporation]
Homepage  http://www.ctscorp.com
Logo 

RT1450B6 Datasheet(HTML) 1 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
March 06
www.ctscorp.com
GTL, GTL+, AGTL+ Terminator
GTL, GTL+, AGTL+ Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
Typical Application
Vtt
Vtt
Vtt
G TL+ B ac k pla ne
Vtt
RT24 51B 6
Ca rd
Ca rd
Ca rd
Ca rd
RT24 51B 6
Features
8 Bit, 16 Bit, and 32 Bit Termination Sets
Compliant for GTL, GTL+, and AGTL+
Termination
Excellent High Frequency Performance
Slim BGA Package
1% Resistor Tolerance
Low Channel to Channel Cross Talk
RoHS Compliant Designs Available
Compatible with both lead and lead-free
processes
Ordering Information
Standard
Part No.
R
Ohms
Bits
Pitch
(mm)
RoHS Part
Number
RT1450B6
25
8
1.27
RT2450B6
RT1451B6
25
16
1.27
RT2451B6
RT1452B6
25
32
1.27
RT2452B6
RT1453B6
56
8
1.27
RT2453B6
RT1454B6
56
16
1.27
RT2454B6
RT1427B6
56
32
1.27
RT2427B6
RT1410B6
150
8
1.27
RT2410B6
RT1411B6
150
16
1.27
RT2411B6
RT1412B6
150
32
1.27
RT2412B6
RT1412B7
150
32
1.00
RT2412B7
Top Probe-able part numbers are available.
Refer to the following link for detailed Top Side Probe-able information:
www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Description
These integrated termination networks provide high
performance line termination for GTL, GTL+, and AGTL+
busses.
The patented star circuit design combined with a ceramic
substrate minimizes cross talk between channels that is
common in other termination networks and resistor arrays.
The BGA packaging has been proven to reduce rework and
improve reliability.
8 Bit
AB
C
1
2
3
16 Bit
DE
F
ABC
1
2
3
32 Bit
DE
F
ABC
KL
M
GH
J
1
2
3
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
± 100ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C
Style D
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2415B7TR7
13 inch reel, Add TR13 to part
number, example RT2415B7TR13
(Bulk packaging is not available)
Direction of Feed


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn