Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT1450B6 Datasheet(PDF) 3 Page - CTS Corporation

Part No. RT1450B6
Description  GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTS [CTS Corporation]
Homepage  http://www.ctscorp.com
Logo 

RT1450B6 Datasheet(HTML) 3 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 3
March 06
www.ctscorp.com
GTL, GTL+, AGTL+ Terminator
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_4__B_
CTS YRWK
D
1.27mm Pitch
L
W
H
P
D
K
mm
3.81
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
3 x 3 Array
(8 Bit)
inch
.150
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
mm
7.62
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
3 x 6 Array
(16 Bit)
inch
.300
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
mm
15.24
±0.15
3.81
±0.15
1.32
±0.15
1.27
±0.25
0.76
±0.05
0.64
±0.25
3 x 12 Array
(32 Bit)
inch
.600
±.006
.150
±.006
.052
±.006
.050
±.010
.030
±.002
.025
±.010
1.00mm Pitch
L
W
H
P
D
K
mm
12.00
±0.15
3.00
±0.15
1.19
±0.15
1.00
±0.25
0.64
±0.05
0.50
±0.25
3 x 12 Array
(32 Bit)
inch
.472
±.006
.118
±.006
.047
±.006
.039
±.010
.025
±.002
.020
±.010


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn