Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT1210B7 Datasheet(PDF) 1 Page - CTS Corporation

Part No. RT1210B7
Description  VME64, VME64x Terminator RoHS Compliant Parts Available
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTS [CTS Corporation]
Homepage  http://www.ctscorp.com
Logo 

RT1210B7 Datasheet(HTML) 1 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change
CTS Electronic Components
Page 1
March 06
www.ctscorp.com
VME64 & VME64x Terminators
VME64, VME64x Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
Typical Applications
VME64x Backplane
Card
Card
Card
Card
RT 2211
3.3V
RT2211
3.3V
Standard
Termination
VME64
+5V
RT2210
330
Low Voltage
Termination
VME64x
+3.3V
1.8K
220
470
RT2211
Features
8-Bit Termination Network
VME64, VME64x Compliant
Low Channel Capacitance
Laser Trimmed Resistance to ± 1%
Slim BGA Package
RoHS Compliant Designs Available
Compatible with both lead and lead
free processes
Description
This Thevenin termination network provides high performance
resistor termination for VME64 and VME64x back planes.
Designed with a ceramic substrate, this device minimizes
parasitic capacitance and inductance, a primary cause of
reduced system performance. In addition, the BGA package
eases touting design, saving the designer many hours of
printed circuit layout.
The BGA packaging has been proven to reduce rework and
improve reliability
Style G
DE
F
AB
C
G
H
1
2
3
R1
R2
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
± 200ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C
Ordering Information
Standard
Part No.
R1
Ω
R2
Ω Array Size
Pitch (mm)
RoHS
Part No.
RT1210B7
330
470
3 x 8
1.00
RT2210B7
RT1211B7
220
1800
3 x 8
1.00
RT2211B7
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2210B7TR7
13 inch reel, Add TR13 to part
number, example RT2210B7TR13
(Bulk packaging is not available)
Direction of Feed


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn