Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F6013AT-20E/PF-ES Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F6013AT-20E/PF-ES
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
Download  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6013AT-20E/PF-ES Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F6013AT-20E/PF-ES Datasheet HTML 1Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 2Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 3Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 4Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 5Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 6Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 7Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 8Page - Microchip Technology DSPIC30F6013AT-20E/PF-ES Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 1
dsPIC30F
High Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• 84 base instructions
• 24-bit wide instructions, 16-bit wide data path
• Linear program memory addressing up to 4M
instruction words
• Linear data memory addressing up to 64 Kbytes
• Up to 144 Kbytes on-chip Flash program space
• Up to 48K instruction words
• Up to 8 Kbytes of on-chip data RAM
• Up to 4 Kbytes of non-volatile data EEPROM
• 16 x 16-bit working register array
• Three Address Generation Units that enable:
- Dual data fetch
- Accumulator write back for DSP operations
• Flexible Addressing modes supporting:
- Indirect, Modulo and Bit-Reversed modes
• Two 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single cycle hardware fractional/
integer multiplier
• Single cycle Multiply-Accumulate (MAC)
operation
• 40-stage Barrel Shifter
• Up to 30 MIPs operation:
- DC to 40 MHz external clock input
- 4 MHz-10 MHz oscillator input with
PLL active (4x, 8x, 16x)
• Up to 41 interrupt sources:
- 8 user selectable priority levels
• Vector table with up to 62 vectors:
- 54 interrupt vectors
- 8 processor exceptions and software traps
Peripheral Features:
• High current sink/source I/O pins: 25 mA/25 mA
• Up to 5 external interrupt sources
•Timer module with programmable prescaler:
- Up to five 16-bit timers/counters; optionally
pair up 16-bit timers into 32-bit timer modules
• 16-bit Capture input functions
• 16-bit Compare/PWM output functions:
- Dual Compare mode available
• Data Converter Interface (DCI) supports common
audio Codec protocols, including I2S and AC’97
• 3-wire SPI™ modules (supports 4 Frame modes)
•I2C™ module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• Addressable UART modules supporting:
- Interrupt on address bit
- Wake-up on Start bit
- 4 characters deep TX and RX FIFO buffers
• CAN bus modules
Analog Features:
• 12-bit Analog-to-Digital Converter (A/D) with:
- 100 Ksps conversion rate
- Up to 16 input channels
- Conversion available during Sleep and Idle
• Programmable Low Voltage Detection (PLVD)
• Programmable Brown-out Detection and Reset
generation
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the dsPIC30F Family Reference
Manual (DS70046). For more information on the device
instruction set and programming, refer to the dsPIC30F
Programmer’s Reference Manual (DS70030).
dsPIC30F Enhanced Flash 16-bit Digital Signal Controllers
General Purpose and Sensor Families


Similar Part No. - DSPIC30F6013AT-20E/PF-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6013AT-20E/PF-ES MICROCHIP-DSPIC30F6013AT-20E/PF-ES Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F6013AT-20E/PF-ES MICROCHIP-DSPIC30F6013AT-20E/PF-ES Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
More results

Similar Description - DSPIC30F6013AT-20E/PF-ES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com