Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S560-6600-H3 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-H3
Description  HDSL2 & G.SHDSL Magnetics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-H3 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-H3 Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-H3 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 05.02
TM02305
HDSL2 & G.SHDSL Magnetics
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Operating and storage temperature range: -40° to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
S560-6600-H3
page 1
All measurements are made with pins 2 and 3 connected and pins 6 and 7 connected
1. Inductance measured at 10 kHz, 0.1 Vac
2. Measured at 100 kHz, 0.1 Vac
3. Measured with line impedance of 135
Ω and chip impedance of 4.6 Ω
Designed to comply with the requirements of UL1950
and EN60950 to provide a supplementary insulation
barrier with a working voltage of 250V
Minimum interwinding breakdown voltage of 1500 Vrms
Minimum interwinding breakdown voltage of 600 Vrms
between pin 9 and 10 for 1 minute
IC
8
5
7
3
1
2
Line
4
6
r
e
b
m
u
N
t
r
a
P
s
n
r
u
T
o
i
t
a
R
%
2
±
e
c
n
a
t
c
u
d
n
I
1
%
7
±
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
µx
a
m
H
R
C
D
x
a
m
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
3
x
a
m
B
d
n
o
i
t
r
e
s
n
I
s
s
o
L
3
x
a
m
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
3
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
3
x
a
m
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
e
n
i
L
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
-
z
H
k
0
2
z
H
k
0
0
3
z
H
k
0
0
1
-
z
H
k
0
4
z
H
k
0
0
5
c
a
V
4
z
H
k
5
l
a
t
n
e
m
a
d
n
u
F
3
H
-
0
0
6
6
-
0
6
5
S4
.
5
:
12
.
34
16
4
.
00
.
35
5
-5
.
03
.
0
±8
7
-


Similar Part No. - S560-6600-H3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-HA BEL-S560-6600-HA Datasheet
157Kb / 2P
   ELECTRICAL SPECIFICATIONS
S560-6600-HB BEL-S560-6600-HB Datasheet
36Kb / 2P
   ADSL Magnetics
S560-6600-HG BEL-S560-6600-HG Datasheet
36Kb / 2P
   G.SHDSL Magnetics
S560-6600-HH BEL-S560-6600-HH Datasheet
75Kb / 2P
   ADSL MAGNETICS
More results

Similar Description - S560-6600-H3

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3921 ETAL-P3921 Datasheet
127Kb / 4P
   HDSL2/G.SHDSL Transformer
logo
Bel Fuse Inc.
0560-6600-EJ BEL-0560-6600-EJ Datasheet
79Kb / 2P
   G.SHDSL Magnetics
S560-6600-EZ BEL-S560-6600-EZ Datasheet
57Kb / 2P
   G.SHDSL Magnetics
S560-6600-LL BEL-S560-6600-LL Datasheet
72Kb / 2P
   G.SHDSL MAGNETICS
S560-6600-HG BEL-S560-6600-HG Datasheet
36Kb / 2P
   G.SHDSL Magnetics
0560-6600-AT BEL-0560-6600-AT Datasheet
79Kb / 2P
   G.SHDSL Magnetics
S560-6600-Z2 BEL-S560-6600-Z2 Datasheet
64Kb / 2P
   G.SHDSL Magnetics Globespan
S560-6600-N7 BEL-S560-6600-N7 Datasheet
54Kb / 2P
   G.SHDSL Magnetics GlobeSpan
0560-6600-CP BEL-0560-6600-CP Datasheet
49Kb / 2P
   G.SHDSL Magnetics Globespan
S560-6600-GK BEL-S560-6600-GK Datasheet
36Kb / 2P
   HDSL & G.SHDSL Magnetics GlobespanVirata
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com