Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S560-6600-F7 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-F7
Description  ADSL Magnetics For Texas Instruments TNETD4000C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-F7 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-F7 Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-F7 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 10.00
ADSL Magnetics
For Texas Instruments TNETD4000C
TM00327
T3-71
SCHEMATIC
Designed to meet IEC 950 safety requirements for
supplementary insulation at 250V
Minimum interwinding breakdown voltage of 1500 Vrms
Operating temperature range: -40° C to +85° C
ELECTRICAL SPECIFICATIONS AT 25° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
S560-6600-F7
S560-6600-F8
10
CHIP SIDE
7
1
4
LINE SIDE
S560-6600-F9
8
6
7
5
CHIP SIDE
1
3
2
4
LINE SIDE
r
e
b
m
u
N
t
r
a
P
n
o
i
t
a
c
i
l
p
p
A
e
g
a
k
c
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
x
a
m
H
µ
R
C
D
x
a
M
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
n
i
m
B
d
n
o
i
t
r
e
s
n
I
s
s
o
L
x
a
m
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
x
a
m
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
e
n
i
L
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
z
H
M
1
z
H
k
0
0
3
-
z
H
k
0
3
z
H
M
1
.
1
7
F
-
0
0
6
6
-
0
6
5
S
r
e
v
o
L
S
D
A
O
C
-
S
T
O
P
D
M
S2
:
1
5
.
1mH
5
±%1
86
.
05
2
.
15
55
.
05
.
0
±0
9
-
3
8
F
-
0
0
6
6
-
0
6
5
S
r
e
v
o
L
S
D
A
O
C
-
N
D
S
I
D
M
S2
:
1
5
7µH
5
±%2
38
2
.
08
2
.
05
55
.
05
.
0
±0
9
-
3
9
F
-
0
0
6
6
-
0
6
5
S
r
e
v
o
L
S
D
A
O
C
-
S
T
O
P
e
v
i
t
c
A
n
o
i
t
a
n
i
m
r
e
T
D
M
S1
:
1
5
7
3
%
5
±
1
65
7
.
00
8
.
15
55
.
05
.
0
±0
7
-
4
.
1c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
c
a
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
0
0
1
h
t
i
w
d
e
r
u
s
a
e
m
.
3
1
,
z
H
k
0
0
1
t
a
e
c
r
u
o
sp
-
p
V
5
0
0
1
h
t
i
w
d
e
r
u
s
a
e
m
.
4
p
-
p
V
5
1
,
z
H
k
0
4
t
a
e
c
r
u
o
s


Similar Part No. - S560-6600-F7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-F3 BEL-S560-6600-F3 Datasheet
61Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP930
S560-6600-F4 BEL-S560-6600-F4 Datasheet
61Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP930
S560-6600-F5 BEL-S560-6600-F5 Datasheet
61Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP930
S560-6600-F6 BEL-S560-6600-F6 Datasheet
61Kb / 2P
   ADSL Magnetics For Analog Devices AD20MSP930
S560-6600-FC BEL-S560-6600-FC Datasheet
59Kb / 2P
   ADSL Magnetics
More results

Similar Description - S560-6600-F7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-64 BEL-0560-6600-64 Datasheet
53Kb / 2P
   ADSL Magnetics For Texas Instruments
S560-6600-CE BEL-S560-6600-CE Datasheet
63Kb / 2P
   ADSL Magnetics Texas Instruments
S560-6600-AB BEL-S560-6600-AB Datasheet
160Kb / 2P
   ADSL Magnetics Texas Instruments
S560-6600-Z6 BEL-S560-6600-Z6 Datasheet
204Kb / 2P
   ADSL Magnetics For Texas Instruments AC5 (CO)
logo
List of Unclassifed Man...
XT0018 ETC2-XT0018 Datasheet
111Kb / 2P
   ADSL Transformer For Texas Instruments
XT0019 ETC2-XT0019 Datasheet
109Kb / 1P
   ADSL Transformer For Texas Instruments
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
B2205 PULSE-B2205 Datasheet
67Kb / 1P
   ADSL LINE TRANSFORMERS For Use With Texas Instruments??Chipsets
B2243 PULSE-B2243 Datasheet
72Kb / 1P
   ADSL LINE TRANSFORMER For Use with Texas Instruments Chipset
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
   Heat Sinks For Texas Instruments
REV3_1117
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com