Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D80C32-24 Datasheet(PDF) 9 Page - Intel Corporation

Part # D80C32-24
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D80C32-24 Datasheet(HTML) 9 Page - Intel Corporation

Back Button D80C32-24 Datasheet HTML 5Page - Intel Corporation D80C32-24 Datasheet HTML 6Page - Intel Corporation D80C32-24 Datasheet HTML 7Page - Intel Corporation D80C32-24 Datasheet HTML 8Page - Intel Corporation D80C32-24 Datasheet HTML 9Page - Intel Corporation D80C32-24 Datasheet HTML 10Page - Intel Corporation D80C32-24 Datasheet HTML 11Page - Intel Corporation D80C32-24 Datasheet HTML 12Page - Intel Corporation D80C32-24 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
8XC525458
DC CHARACTERISTICS (Over Operating Conditions) (Continued)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 4)
VOH1
Output High Voltage
VCCb03
V
IOH eb200 mA
(Port 0 in External Bus Mode)
VCCb07
V
IOH eb32 mA
VCCb15
V
IOH eb70 mA
IIL
Logical 0 Input Current
(Ports 1 2 and 3)
b
50
m
AVIN e 045V
ILI
Input leakage Current (Port 0)
g
10
m
AVIN e VIL or VIH
ITL
Logical 1 to 0 Transition Current
(Ports 1 2 and 3)
Commercial
b
650
m
AVIN e 2V
Express
b
750
m
A
RRST
RST Pulldown Resistor
40
225
KX
CIO
Pin Capacitance
10
pF
1 MHz 25 C
ICC
Power Supply Current
(Note 3)
Active Mode
at 12 MHz (Figure 5)
15
30
mA
at 16 MHz
20
38
mA
at 24 MHz
28
56
mA
at 33 MHz (8XC5X-33)
35
56
mA
Idle Mode
at 12 MHz (Figure 5)
5
75
mA
at 16 MHz
6
95
mA
at 24 MHz
7
135
mA
at 33 MHz (8XC5X-33)
7
15
mA
Power Down Mode
5
75
m
A
8XC5X-33
5
50
m
A
NOTES
1 Capacitive loading on Ports 0 and 2 may cause noise pulses above 04V to be superimposed on the VOLs of ALE and
Ports 1 2 and 3 The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins
change from 1 to 0 In applications where capacitive loading exceeds 100 pF the noise pulses on these signals may exceed
08V It may be desirable to qualify ALE or other signals with a Schmitt Triggers or CMOS-level input logic
2 Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 09 VCC specification when the
address lines are stabilizing
3 See Figures 6 – 9 for test conditions Minimum VCC for Power Down is 2V
4 Typicals are based on a limited number of samples and are not guaranteed The values listed are at room temperature
and 5V
5 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per port pin
10mA
Maximum IOL per 8-bit port
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum total IOL for all output pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification Pins are not guaranteed to sink current greater
than the listed test conditions
9


Similar Part No. - D80C32-24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D80C51 INTEL-D80C51 Datasheet
284Kb / 21P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
D80C51FA ROCHESTER-D80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
D80C51FA1 ROCHESTER-D80C51FA1 Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
More results

Similar Description - D80C32-24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com