Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3402MMX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3402MMX
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402MMX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3402MMX Datasheet HTML 7Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 8Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 9Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 10Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 11Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 12Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 13Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 14Page - National Semiconductor (TI) LM3402MMX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Application Information (Continued)
MINIMUM OUTPUT VOLTAGE
The minimum recommended on-time for the LM3402/02HV
is 300 ns. This lower limit for t
ON determines the minimum
duty cycle and output voltage that can be regulated based on
input voltage and switching frequency. The relationship is
determined by the following equation:
HIGH VOLTAGE BIAS REGULATOR
The LM3402/02HV contains an internal linear regulator with
a 7V output, connected between the VIN and the VCC pins.
The VCC pin should be bypassed to the GND pin with a 0.1
µF ceramic capacitor connected as close as possible to the
pins of the IC. VCC tracks VIN until VIN reaches 8.8V
(typical) and then regulates at 7V as VIN increases. Opera-
tion begins when VCC crosses 5.25V.
INTERNAL MOSFET AND DRIVER
The LM3402/02HV features an internal power MOSFET as
well as a floating driver connected from the SW pin to the
BOOT pin. Both rise time and fall time are 20 ns each
(typical) and the approximate gate charge is 3 nC. The
high-side rail for the driver circuitry uses a bootstrap circuit
consisting of an internal high-voltage diode and an external
10 nF capacitor, C
B.VCC charges CB through the internal
diode while the power MOSFET is off. When the MOSFET
turns on, the internal diode reverse biases. This creates a
floating supply equal to the V
CC voltage minus the diode
drop to drive the MOSFET when its source voltage is equal
to V
IN.
FAST SHUTDOWN FOR PWM DIMMING
The DIM pin of the LM3402/02HV is a TTL logic compatible
input for low frequency PWM dimming of the LED. A logic low
(below 0.8V) at DIM will disable the internal MOSFET and
shut off the current flow to the LED array. While the DIM pin
is in a logic low state the support circuitry (driver, bandgap,
VCC) remains active in order to minimize the time needed to
turn the LED array back on when the DIM pin sees a logic
high (above 2.2V). A 75 µA (typical) pull-up current ensures
that the LM3402/02HV is on when DIM pin is open circuited,
eliminating the need for a pull-up resistor. Dimming fre-
quency, f
DIM, and duty cycle, DDIM, are limited by the LED
current rise time and fall time and the delay from activation of
the DIM pin to the response of the internal power MOSFET.
In general, f
DIM should be at least one order of magnitude
lower than the steady state switching frequency in order to
prevent aliasing.
PEAK CURRENT LIMIT
The current limit comparator of the LM3402/02HV will en-
gage whenever the power MOSFET current (equal to the
inductor current while the MOSFET is on) exceeds 735 mA
(typical). The power MOSFET is disabled for a cool-down
time that is 10x the steady-state on-time. At the conclusion of
this cool-down time the system re-starts. If the current limit
condition persists the cycle of cool-down time and restarting
will continue, creating a low-power hiccup mode, minimizing
thermal stress on the LM3402/02HV and the external circuit
components.
OVER-VOLTAGE/OVER-CURRENT COMPARATOR
The CS pin includes an output over-voltage/over-current
comparator that will disable the power MOSFET whenever
V
SNS exceeds 300 mV. This threshold provides a hard limit
for the output current. Output current overshoot is limited to
300 mV / R
SNS by this comparator during transients.
The OVP/OCP comparator can also be used to prevent the
output voltage from rising to V
O(MAX) in the event of an
output open-circuit. This is the most common failure mode
for LEDs, due to breaking of the bond wires. In a current
regulator an output open circuit causes V
SNS to fall to zero,
commanding maximum duty cycle. Figure 2 shows a method
using a zener diode, Z1, and zener limiting resistor, R
Z,to
limit output voltage to the reverse breakdown voltage of Z1
plus 200 mV. The zener diode reverse breakdown voltage,
V
Z, must be greater than the maximum combined VF of all
LEDs in the array. The maximum recommended value for R
Z
is1k
Ω.
As discussed in the Maximum Output Voltage section, there
is a limit to how high V
O can rise during an output open-
circuit that is always less than V
IN. If no output capacitor is
used, the output stage of the LM3402/02HV is capable of
withstanding V
O(MAX) indefinitely, however the voltage at the
output end of the inductor will oscillate and can go above V
IN
or below 0V. A small (typically 10 nF) capacitor across the
LED array dampens this oscillation. For circuits that use an
output capacitor, the system can still withstand V
O(MAX) in-
definitely as long as C
O is rated to handle VIN. The high
current paths are blocked in output open-circuit and the risk
of thermal stress is minimal, hence the user may opt to allow
the output voltage to rise in the case of an open-circuit LED
failure.
www.national.com
11


Similar Part No. - LM3402MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402MMX NSC-LM3402MMX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MMX TI1-LM3402MMX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MMX TI-LM3402MMX Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MMX TI1-LM3402MMX Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
LM3402MMX/NOPB TI1-LM3402MMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com