Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S560-6600-30 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part No. S560-6600-30
Description  ADSL Magnetics For Analog Devices AD20MSP910
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BEL [Bel Fuse Inc.]
Homepage  http://www.belfuse.com
Logo 

S560-6600-30 Datasheet(HTML) 1 Page - Bel Fuse Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2001Bel Fuse Inc. Specifications subject to change without notice. 02.01
TM00302
ADSL Magnetics
For Analog Devices AD20MSP910
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
Operating temperature range: -40° C to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
Designed to meet UL 1950 and EN60950 safety
requirements for supplementary insulation at 250V
UL file number E150991
Minimum interwinding breakdown voltage of 1500
Vrms
CO and CPE applications require two each of the
S560-6600-30 or 0560-6600-63
S560-6600-30
0560-6600-63
CHIP SIDE
LINE SIDE
1
3
2
47
9
8
10
r
e
b
m
u
N
t
r
a
P
e
g
a
k
c
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
%
0
1
±
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
x
a
m
H
µ
R
C
D
x
a
M
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
3
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
4
n
i
m
b
d
n
o
i
t
r
e
s
n
I
s
s
o
L
4
x
a
m
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
4
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
4
x
a
m
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
p
i
h
C
e
d
i
S
p
i
h
C
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
x
a
m
F
p
-
z
H
k
0
1
z
H
M
1
.
1
z
H
k
0
0
3
1
.
1
-
z
H
k
0
3
z
H
M
Z
H
k
0
3
s
m
r
V
4
0
3
-
0
0
6
6
-
0
6
5
SD
M
S1
:
15
5
.
6
14
4
0
66
45
.
05
.
0
±0
8
-
3
6
-
0
0
6
6
-
0
6
5
0T
H
T1
:
15
5
.
6
14
4
0
66
45
.
05
.
0
±0
8
-
d
e
t
c
e
n
n
o
c
9
d
n
a
8
s
n
i
p
d
n
a
d
e
t
c
e
n
n
o
c
3
d
n
a
2
s
n
i
p
h
t
i
w
e
d
a
m
e
r
a
s
t
n
e
m
e
r
u
s
a
e
m
ll
A
.
1c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
e
c
n
a
t
c
u
d
n
I
c
a
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
e
c
n
a
t
c
u
d
n
i
e
g
a
k
a
e
L
.
2
c
a
V
1
,
z
H
k
1
t
a
d
e
r
u
s
a
e
m
e
c
n
a
t
i
c
a
p
a
c
g
n
i
d
n
i
w
r
e
t
n
I
.
3
0
0
1
h
t
i
w
e
d
a
m
s
t
n
e
m
e
r
u
s
a
e
M
.
4
0
0
1
d
n
a
e
c
r
u
o
s
.
e
c
n
a
d
e
p
m
i
d
a
o
l
T3-17


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn