Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S559-6204-22 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part No. S559-6204-22
Description  ISDN MAGNETICS UPO Interface Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S559-6204-22 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S559-6204-22 Datasheet HTML 1Page - Bel Fuse Inc. S559-6204-22 Datasheet HTML 2Page - Bel Fuse Inc. S559-6204-22 Datasheet HTML 3Page - Bel Fuse Inc. S559-6204-22 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00
TM00207
UPO Interface Transformer
MECHANICAL
S559-6204-18
S559-6204-21
6
5
4
1
2
3
0.420
[10.67]
max
0.370
[9.40]
max
0.360
[9.14]
max
0.098
[2.50]
0.028 [0.70] typ
Phosphor bronze,
solder coated
6 surfaces
0.004 [0.10]
0.545
[13.84]
0.090
[2.29]
typ
0.052
[1.32]
typ
0.098
[2.50]
typ
Suggested PCB Pad Layout
6
5
4
1
2
3
0.417 [10.60]
0.520
[13.21]
max
6
5
4
1
23
0.420
[10.67]
max
0.370
[9.40]
max
0.360
[9.14]
max
0.098
[2.50]
0.028 [0.70] typ
Phosphor bronze,
solder coated
6 surfaces
0.004 [0.10]
0.545
[13.84]
0.090
[2.29]
typ
0.052
[1.32]
typ
0.098
[2.50]
typ
Suggested PCB Pad Layout
6
5
4
1
2
3
0.417 [10.60]
0.520
[13.21]
max
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
T2-17


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn