Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH16501 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74ALVCH16501
Description  3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16501 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74ALVCH16501 Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16501 Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16501 Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16501 Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16501 Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16501 Datasheet HTML 6Page - Integrated Device Technology IDT74ALVCH16501 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16501
3.3VCMOS18-BITUNIVERSALBUSTRANSCEIVERWITH3-STATEOUTPUTS
1
JANUARY 2004
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-4738/2
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74ALVCH16501
3.3V CMOS 18-BIT UNIVERSAL
BUS TRANSCEIVER WITH
3-STATE OUTPUTS
AND BUS-HOLD
DESCRIPTION:
This 18-bit universal bus transceiver is built using advanced dual metal
CMOStechnology.Dataflowineachdirectioniscontrolledbyoutput-enable
(OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CLKAB and
CLKBA) inputs. For A-to-B data flow, the device operates in the transparent
mode when LEAB is high. When LEAB is low, the A data is latched if CLKAB
isheldatahighorlowlogiclevel.IfLEABislow,theAdataisstoredinthelatch/
flip-floponthelow-to-hightransitionofCLKAB.WhenOEABishigh,theoutputs
are active. When OEAB is low, the outputs are in the high-impedance state.
DataflowforBtoAissimiliartothatofAtoBbutusesOEBA,LEBA,andCLKBA.
Theoutputenablesarecomplementary(OEABisactivehighandOEBAisactive
low).
The ALVCH16501 has been designed with a ±24mA output driver. This
driveriscapableofdrivingamoderatetoheavyloadwhilemaintainingspeed
performance.
The ALVCH16501 has “bus-hold” which retains the inputs’ last state
whenevertheinputbusgoestoahighimpedance.Thispreventsfloatinginputs
andeliminatestheneedforpull-up/downresistors.
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Suitable for heavy loads
B1
A1
OEBA
CLKBA
LEBA
CLKAB
OEAB
TO 17 OTHER CHANNELS
C1
1D
CLK
3
27
30
28
2
55
1
54
LEAB
C1
1D
CLK
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74ALVCHR166013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCHR165013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169033.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER DUAL 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74FCT1636013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH162453.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16646A3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74ALVCH169013.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn