Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5760ANP Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFCT-5760ANP
Description  Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5760ANP Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5760ANP Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFCT-5760ANP Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Regulatory Compliance
Electrostatic Discharge
There are two conditions in
which immunity to ESD damage
is important. The first condition
is during handling of the
transceiver prior to insertion
into the transceiver port. To
protect the transceiver, it is
important to use normal ESD
handling precautions. The ESD
sensitivity of the HFCT-5760xxx
is compatible with typical
industry production
environments. The second
condition is static discharges to
the exterior of the host
equipment chassis after
installation. To the extent that
the duplex LC optical interface
is exposed to the outside of the
host equipment chassis, it may
be subject to system-level ESD
requirements.
The ESD performance of the
HFCT-5760xxx exceeds typical
industry standards.
Immunity
Equipment hosting the HFCT-
5760xxx modules will be
subjected to radio-frequency
electromagnetic fields in some
environments. These
transceivers have good
immunity to such fields due to
their shielded design.
Eye Safety
These 1300 nm FP laser based
transceivers provide Class 1 eye
safety by design. Agilent has
tested the transceiver design for
compliance with the
requirements listed in Table 3
under normal operating
conditions and under a single
fault condition.
Electromagnetic Interference (EMI)
Most equipment designs utilizing
these high-speed transceivers
from Agilent will be required to
meet the requirements of FCC in
the United States, CENELEC
EN55022 (CISPR 22) in Europe
and VCCI in Japan.
The metal housing and shielded
design of the HFCT-5760xxx
minimize the EMI challenge
facing the host equipment
designer. These transceivers
provide superior EMI
performance. This greatly
assists the designer in the
management of the overall
system EMI performance.
Feature
Test Method
Performance
Electrostatic Discharge (ESD) to
the Electrical Pins
MIL-STD-883C
Method 3015
Class 1 (>2000 Volts)
Electrostatic Discharge (ESD) to
the Duplex LC Receptacle
Bellcore GR1089-CORE
25 kV Air Discharge
10 Zaps at 8 kV (contact discharge) on the electrical faceplate on
panel.
Electromagnetic Interference (EMI) FCC Class B
Applications with high SFP port counts are expected to be compliant;
however, margins are dependent on customer board and chassis
design.
Immunity
Variation of IEC 61000-4-3
No measurable effect from a 10 V/m field swept from 80 to 1000 MHz
applied to the transceiver without a chassis enclosure.
Eye Safety
US FDA CDRH AEL Class 1
EN (IEC) 60825-1, 2,
EN60950 Class 1
HFCT-5760NL CDRH certification # 9521220-46
HFCT-5760NP CDRH certification # 9521220-78
HFCT-5760TL CDRH certification # 9521220-47
HFCT-5760TP CDRH certification # 9521220-80
HFCT-5760ANL CDRH certification # TBD
HFCT-5760ANP CDRH certification # TBD
HFCT-5760ATL/ATP CDRH certification # 9521220-96
HFCT-5760NL TUV file # 933/510206/03
HFCT-5760NP TUV file # TBD
HFCT-5760TL TUV file # 933/510116/02
HFCT-5760TP TUV file # TBD
HFCT-5760ANL TUV file # TBD
HFCT-5760ANP TUV file # TBD
HFCT-5760ATL/ATP TUV file # 933/510305/03
UL file # E173874
Component Recognition
Underwriter's Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment Including Electrical Business
Equipment
UL file # E173874
Table 3. Regulatory Compliance


Similar Part No. - HFCT-5760ANP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
HFCT-5103D HP-HFCT-5103D Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205A HP-HFCT-5205A Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205B HP-HFCT-5205B Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5760ANP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com