Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5760TP Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HFCT-5760TP
Description  Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5760TP Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5760TP Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5760TP Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Serial Identification (EEPROM)
The HFCT-5760NL/NP is
compliant with the SFP MSA,
which defines the serial
identification protocol. This
protocol uses the 2-wire serial
CMOS E2PROM protocol of the
ATMEL AT24C01A or similar.
MSA compliant, example
contents of the HFCT-5760NL/
NP serial ID memory are defined
in Table 3.
Table 3. EEPROM Serial ID Memory Contents
Notes:
1. Address 68-83 specify a unique identifier.
2. Address 84-91 specify the date code.
3. Addresses 63 and 95 are check sums. Address 63 is the check sum for bytes 0-62 and address 95 is the check sum for bytes 64-94.
4. Address 96-127 is vendor specific data.
Addr
Hex
ASCII
Addr
Hex
ASCII
Addr
Hex
ASCII
Addr
Hex
ASCII
003
40
48
H
68
Note 1
96
Note 4
104
41
46
F
69
Note 1
97
Note 4
207
42
43
C
70
Note 1
98
Note 4
3
00
4354
T
71
Note 1
99Note 4
4
00
44
2D
-
72
Note 1
100
Note 4
5
04
45
35
5
73
Note 1
101
Note 4
6
00
46
37
7
74
Note 1
102
Note 4
7
00
47
36
6
75
Note 1
103
Note 4
8
00
48
30
0
76
Note 1
104
Note 4
9
00
49
4E
N
77
20
105
Note 4
10
00
50
20
78
20
106
Note 4
11
03
51
20
79
20
107
Note 4
12
02
52
20
80
20
108
Note 4
13
00
53
20
81
20
109
Note 4
14
28
54
20
82
20
110
Note 4
15
FF
55
20
83
20
111
Note 4
16
00
56
20
84
Note 2
112
Note 4
17
00
57
20
85
Note 2
113
Note 4
18
00
58
20
86
Note 2
114
Note 4
19
00
59
20
87
Note 2
115
Note 4
20
41
A
60
00
88
Note 2
116
Note 4
21
47
G
61
00
89
Note 2
117
Note 4
22
49
I
62
00
90
Note 2
118
Note 4
23
4C
L
63
17, Note 3
91
Note 2
119
Note 4
24
45
E
64
00
92
00
120
Note 4
25
4E
N
651A
9300
121
Note 4
26
54
T
66
00
94
00
122
Note 4
27
20
67
00
95
Note 3
123
Note 4
28
20
124
Note 4
29
20
125
Note 4
30
20
126
Note 4
31
20
127
Note 4
32
20
33
20
34
20
35
20
36
00
37
00
38
30
39
D3


Similar Part No. - HFCT-5760TP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
HFCT-5103D HP-HFCT-5103D Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205A HP-HFCT-5205A Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5205B HP-HFCT-5205B Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5760TP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5962TLZ AVAGO-AFCT-5962TLZ Datasheet
423Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com