Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09189-9AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C09189-9AC
Description  64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09189-9AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C09189-9AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 10Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 11Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 12Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 13Page - Cypress Semiconductor CY7C09189-9AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY7C09089/99
CY7C09189/99
Document #: 38-06039 Rev. *A
Page 10 of 19
Bank Select Pipelined Read[18, 19]
Left Port Write to Flow-Through Right Port Read[20, 21, 22, 23]
Notes:
18. In this depth expansion example, B1 represents Bank #1 and B2 is Bank #2; Each Bank consists of one Cypress dual-port device from this data sheet.
ADDRESS(B1) = ADDRESS(B2).
19. OE and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH.
20. The same waveforms apply for a right port write to flow-through left port read.
21. CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
22. OE = VIL for the right port, which is being read from. OE = VIH for the left port, which is being written to.
23. It tCCS ≤ maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD. If tCCS>maximum specified, then data is not
valid until tCCS + tCD1. tCWDD does not apply in this case.
Switching Waveforms (continued)
D3
D1
D0
D2
A0
A1
A2
A3
A4
A5
D4
A0
A1
A2
A3
A4
A5
tSA
tHA
tSC
tHC
tSA
tHA
tSC
tHC
tSC
tHC
tSC tHC
tCKHZ
tDC
tDC
tCD2
tCKLZ
tCD2
tCD2
tCKHZ
tCKLZ
tCD2
tCKHZ
tCKLZ
tCD2
tCH2
tCL2
tCYC2
CLKL
ADDRESS(B1)
CE0(B1)
DATAOUT(B2)
DATAOUT(B1)
ADDRESS(B2)
CE0(B2)
tSA
tHA
tSW
tHW
tSD
tHD
MATCH
VALID
tCCS
tSW
tHW
tDC
tCWDD
tCD1
MATCH
tSA
tHA
MATCH
NO
MATCH
NO
VALID
VALID
tDC
tCD1
CLKL
R/WL
ADDRESSL
DATAINL
ADDRESSR
DATAOUTR
CLKR
R/WR


Similar Part No. - CY7C09189-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09189V CYPRESS-CY7C09189V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V CYPRESS-CY7C09189V Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09189V-12AXC CYPRESS-CY7C09189V-12AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09189-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com